Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6TW-Z Datasheet(PDF) 4 Page - AIMTEC

Part # AM6TW-Z
Description  6 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-Z Datasheet(HTML) 4 Page - AIMTEC

  AM6TW-Z Datasheet HTML 1Page - AIMTEC AM6TW-Z Datasheet HTML 2Page - AIMTEC AM6TW-Z Datasheet HTML 3Page - AIMTEC AM6TW-Z Datasheet HTML 4Page - AIMTEC AM6TW-Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM6TW-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.H
4 of 5
North America only
Pin Out Specifications
Dimensions
Pin
1500VDC
3500VDC
Single
Dual
Single
Dual
1
+V Input
+V Input
Omitted
Omitted
2
N. C.
-V Output
-V Input
-V Input
3
N. C.
Common
-V Input
-V Input
9
Omitted
Omitted
Omitted
Common
10
-V Output
Common
Omitted
Omitted
11
+V Output
+V Output
N.C.
-V Output
12/13
-V Input
-V Input
Omitted
Omitted
14
+V Output
+V Output
+V Output
+V Output
15
-V Output
Common
Omitted
Omitted
16
Omitted
Omitted
-V Output
Common
22
N. C.
Common
+V Input
+V Input
23
N. C.
-V Output
+V Input
+V Input
24
+V Input
+V Input
Omitted
Omitted


Similar Part No. - AM6TW-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_16 Datasheet
293Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6TW-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com