Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4005 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # UF4005
Description  1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF4005 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF4005 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF4005 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (UF4001 THRU UF4007)
0.1
0.01
1
10
100
0
20
40
60
80
100
Tj=125 C
0
Tj=25 C
0
Tj=125 C
0
0.1
0.001
1
10
0.01
1.8
0.6
0.8
1.0
1.2
1.4
1.6
0.4
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
UF4005 - UF4007
UF4001 - UF4004
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
1
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
NUMBER OF CYCLES AT 60Hz
5
10
15
20
25
30
TJ=55 C
8.3ms Single Half Sine Wave
JEDEC Method
0
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
40
60
80
100
120
160
140
0
0.5
LEAD TEMPERATURE. ( C)
o
1.0
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5mm)
LEAD LENGTH
20
FIG.5- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
UF4001-UF4007
1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - UF4005

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
UF4005 EIC-UF4005 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4005 WTE-UF4005 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4005 DGNJDZ-UF4005 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
UF4005 DIGITRON-UF4005 Datasheet
102Kb / 2P
   ULTRAFAST PLASTIC RECTIFIER
logo
Won-Top Electronics
UF4005 WTE-UF4005 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
More results

Similar Description - UF4005

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_13 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
HDBL101G TSC-HDBL101G Datasheet
142Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
HDBLS101G TSC-HDBLS101G Datasheet
139Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shanghai Lunsure Electr...
EGP10A CHENYI-EGP10A Datasheet
67Kb / 3P
   1.0Amp glass passivated high efficient rectifiers 50to800 volts
logo
Shenzhen Taychipst Elec...
EGP10A TAYCHIPST-EGP10A Datasheet
2Mb / 2P
   Glass Passivated High Efficient Plastic Rectifiers
logo
First Components Intern...
SFS11G FCI-SFS11G Datasheet
1Mb / 2P
   1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com