Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1G-4807DH30Z Datasheet(PDF) 3 Page - AIMTEC

Part # AM1G-4807DH30Z
Description  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G-4807DH30Z Datasheet(HTML) 3 Page - AIMTEC

  AM1G-4807DH30Z Datasheet HTML 1Page - AIMTEC AM1G-4807DH30Z Datasheet HTML 2Page - AIMTEC AM1G-4807DH30Z Datasheet HTML 3Page - AIMTEC AM1G-4807DH30Z Datasheet HTML 4Page - AIMTEC AM1G-4807DH30Z Datasheet HTML 5Page - AIMTEC AM1G-4807DH30Z Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AM1G-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
3 of 6
North America only
Models
Dual output Continue
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
(%)
AM1G-4812DZ
36-72
±12
±42
1000
±470
72
AM1G-4815DZ
36-72
±15
±35
1000
±470
72
AM1G-4818DZ
36-72
±18
±28
1000
±220
72
AM1G-4824DZ
36-72
±24
±20
1000
±220
72
AM1G-0503DH30Z
4.5-9
±3.3
±151
3000
±1000
66
AM1G-0505DH30Z
4.5-9
±5
±100
3000
±1000
70
AM1G-0507DH30Z
4.5-9
±7.2
±69
3000
±470
70
AM1G-0509DH30Z
4.5-9
±9
±55
3000
±470
71
AM1G-0512DH30Z
4.5-9
±12
±42
3000
±470
72
AM1G-0515DH30Z
4.5-9
±15
±35
3000
±470
72
AM1G-0518DH30Z
4.5-9
±18
±28
3000
±220
72
AM1G-0524DH30Z
4.5-9
±24
±20
3000
±220
72
AM1G-1203DH30Z
9-18
±3.3
±151
3000
±1000
66
AM1G-1205DH30Z
9-18
±5
±100
3000
±1000
73
AM1G-1207DH30Z
9-18
±7.2
±69
3000
±470
74
AM1G-1209DH30Z
9-18
±9
±55
3000
±470
74
AM1G-1212DH30Z
9-18
±12
±42
3000
±470
75
AM1G-1215DH30Z
9-18
±15
±35
3000
±470
76
AM1G-1218DH30Z
9-18
±18
±28
3000
±220
75
AM1G-1224DH30Z
9-18
±24
±20
3000
±220
75
AM1G-2403DH30Z
18-36
±3.3
±151
3000
±1000
65
AM1G-2405DH30Z
18-36
±5
±100
3000
±1000
72
AM1G-2407DH30Z
18-36
±7.2
±69
3000
±470
73
AM1G-2409DH30Z
18-36
±9
±55
3000
±470
74
AM1G-2412DH30Z
18-36
±12
±42
3000
±470
75
AM1G-2415DH30Z
18-36
±15
±35
3000
±470
75
AM1G-2418DH30Z
18-36
±18
±28
3000
±220
74
AM1G-2424DH30Z
18-36
±24
±20
3000
±220
73
AM1G-4803DH30Z
36-72
±3.3
±151
3000
±1000
64
AM1G-4805DH30Z
36-72
±5
±100
3000
±1000
70
AM1G-4807DH30Z
36-72
±7.2
±69
3000
±470
70
AM1G-4809DH30Z
36-72
±9
±55
3000
±470
71
AM1G-4812DH30Z
36-72
±12
±42
3000
±470
72
AM1G-4815DH30Z
36-72
±15
±35
3000
±470
72
AM1G-4818DH30Z
36-72
±18
±28
3000
±220
72
AM1G-4824DH30Z
36-72
±24
±20
3000
±220
72
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-72
Filter
Capacitor
Turn on Transient process time
350
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
-0.7-12
VDC
12 Vin
-0.7-24
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
On/Off Control
ON – low or open (0Vdc to 0.8Vdc)
OFF – high (4.5Vdc to 15Vdc, OFF idle current:3.5mA to 15mA Max.)


Similar Part No. - AM1G-4807DH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1G-Z AIMTEC-AM1G-Z_13 Datasheet
289Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1G-4807DH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com