Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1D-0509DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1D-0509DZ
Description  1 Watt | DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-0509DZ Datasheet(HTML) 1 Page - AIMTEC

  AM1D-0509DZ Datasheet HTML 1Page - AIMTEC AM1D-0509DZ Datasheet HTML 2Page - AIMTEC AM1D-0509DZ Datasheet HTML 3Page - AIMTEC AM1D-0509DZ Datasheet HTML 4Page - AIMTEC AM1D-0509DZ Datasheet HTML 5Page - AIMTEC AM1D-0509DZ Datasheet HTML 6Page - AIMTEC AM1D-0509DZ Datasheet HTML 7Page - AIMTEC AM1D-0509DZ Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Series AM1D-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.E
1 of 8
North America only
FEATURES:
 RoHS compliant
 Operating temperature -40oC to + 85oC
 High efficiency up to 80%
 Short circuit protection
 Low profile plastic package  Pin compatible with multiple manufacturers
 7 pin SIP package
 Input / Output Isolation 1000, 3000, 4000, 5200 & 6000 VDC
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
AM1D-0503SZ
4.5-5.5
3.3
300
1000
220
74
AM1D-0505SZ
4.5-5.5
5
200
1000
220
80
AM1D-0507SZ
4.5-5.5
7.2
140
1000
220
78
AM1D-0509SZ
4.5-5.5
9
110
1000
220
75
AM1D-0512SZ
4.5-5.5
12
83
1000
220
77
AM1D-0515SZ
4.5-5.5
15
70
1000
220
77
AM1D-0518SZ
4.5-5.5
18
55
1000
220
78
AM1D-0524SZ
4.5-5.5
24
40
1000
220
75
AM1D-1203SZ
10.8-13.2
3.3
300
1000
220
74
AM1D-1205SZ
10.8-13.2
5
200
1000
220
79
AM1D-1207SZ
10.8-13.2
7.2
140
1000
220
74
AM1D-1209SZ
10.8-13.2
9
110
1000
220
75
AM1D-1212SZ
10.8-13.2
12
83
1000
220
79
AM1D-1215SZ
10.8-13.2
15
70
1000
220
79
AM1D-1218SZ
10.8-13.2
18
55
1000
220
78
AM1D-1224SZ
10.8-13.2
24
40
1000
220
76
AM1D-2403SZ
21.6-26.4
3.3
300
1000
220
65
AM1D-2405SZ
21.6-26.4
5
200
1000
220
72
AM1D-2407SZ
21.6-26.4
7.2
140
1000
220
76
AM1D-2409SZ
21.6-26.4
9
110
1000
220
75
AM1D-2412SZ
21.6-26.4
12
83
1000
220
79
AM1D-2415SZ
21.6-26.4
15
70
1000
220
79
AM1D-2418SZ
21.6-26.4
18
55
1000
220
78
AM1D-2424SZ
21.6-26.4
24
40
1000
220
75
AM1D-0503SH30Z
4.5-5.5
3.3
300
3000
220
74
AM1D-0505SH30Z
4.5-5.5
5
200
3000
220
80
AM1D-0507SH30Z
4.5-5.5
7.2
140
3000
220
78
AM1D-0509SH30Z
4.5-5.5
9
110
3000
220
75
AM1D-0512SH30Z
4.5-5.5
12
83
3000
220
77
AM1D-0515SH30Z
4.5-5.5
15
70
3000
220
77
AM1D-0518SH30Z
4.5-5.5
18
55
3000
220
78
AM1D-0524SH30Z
4.5-5.5
24
40
3000
220
75
AM1D-1203SH30Z
10.8-13.2
3.3
300
3000
220
74
AM1D-1205SH30Z
10.8-13.2
5
200
3000
220
79
AM1D-1207SH30Z
10.8-13.2
7.2
140
3000
220
74
AM1D-1209SH30Z
10.8-13.2
9
110
3000
220
76
AM1D-1212SH30Z
10.8-13.2
12
83
3000
220
80
AM1D-1215SH30Z
10.8-13.2
15
70
3000
220
80
AM1D-1218SH30Z
10.8-13.2
18
55
3000
220
78
AM1D-1224SH30Z
10.8-13.2
24
40
3000
220
76
AM1D-2403SH30Z
21.6-26.4
3.3
300
3000
220
74
AM1D-2405SH30Z
21.6-26.4
5
200
3000
220
80
AM1D-2407SH30Z
21.6-26.4
7.2
140
3000
220
71
AM1D-2409SH30Z
21.6-26.4
9
110
3000
220
75


Similar Part No. - AM1D-0509DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-0509D AIMTEC-AM1D-0509D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0509D-N AIMTEC-AM1D-0509D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
AM1D-0509D-NZ AIMTEC-AM1D-0509D-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
AM1D-0509D-RZ AIMTEC-AM1D-0509D-RZ Datasheet
174Kb / 5P
   1 Watt | DC-DC Converter
AM1D-0509DH30-N AIMTEC-AM1D-0509DH30-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
More results

Similar Description - AM1D-0509DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com