Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4T-2409D-VZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM4T-2409D-VZ
Description  4 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4T-2409D-VZ Datasheet(HTML) 2 Page - AIMTEC

  AM4T-2409D-VZ Datasheet HTML 1Page - AIMTEC AM4T-2409D-VZ Datasheet HTML 2Page - AIMTEC AM4T-2409D-VZ Datasheet HTML 3Page - AIMTEC AM4T-2409D-VZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM4T-VZ
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
2 of 4
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM4T-4809D-VZ
36-72
±9
±222
±220
77
AM4T-4812D-VZ
36-72
±12
±167
±220
77
AM4T-4815D-VZ
36-72
±15
±133
±220
78
AM4T-4824D-VZ
36-72
±24
±83
±100
76
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-72
Filter
π
(Pi) Network
Start up time
20
ms
Absolute Maximum Rating
12 Vin
-0.7-24
VDC
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
15
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 (3500 H35
model)
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Balanced Load
±1
%
Short circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation
25-100% Load
±0.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
AM4T-1205DH35-VZ
9-18
±5
±400
±1000
77
AM4T-1209DH35-VZ
9-18
±9
±222
±220
77
AM4T-1212DH35-VZ
9-18
±12
±167
±220
78
AM4T-1215DH35-VZ
9-18
±15
±133
±220
78
AM4T-1224DH35-VZ
9-18
±24
±83
±100
77
AM4T-2405DH35-VZ
18-36
±5
±400
±1000
77
AM4T-2409DH35-VZ
18-36
±9
±222
±220
77
AM4T-2412DH35-VZ
18-36
±12
±167
±220
78
AM4T-2415DH35-VZ
18-36
±15
±133
±220
79
AM4T-2424DH35-VZ
18-36
±24
±83
±100
76
AM4T-4805DH35-VZ
36-72
±5
±400
±1000
73
AM4T-4809DH35-VZ
36-72
±9
±222
±220
77
AM4T-4812DH35-VZ
36-72
±12
±167
±220
77
AM4T-4815DH35-VZ
36-72
±15
±133
±220
78
AM4T-4824DH35-VZ
36-72
±24
±83
±100
76


Similar Part No. - AM4T-2409D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4T-2409D-VZ AIMTEC-AM4T-2409D-VZ Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4T-2409D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com