Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3N-1212SH52Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM3N-1212SH52Z
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3N-1212SH52Z Datasheet(HTML) 1 Page - AIMTEC

  AM3N-1212SH52Z Datasheet HTML 1Page - AIMTEC AM3N-1212SH52Z Datasheet HTML 2Page - AIMTEC AM3N-1212SH52Z Datasheet HTML 3Page - AIMTEC AM3N-1212SH52Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM3N-S-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM3N-0503SZ
4.5-5.5
3.3
600
1000
55
AM3N-0505SZ
4.5-5.5
5
600
1000
65
AM3N-0507SZ
4.5-5.5
7.2
417
1000
62
AM3N-0509SZ
4.5-5.5
9
333
1000
70
AM3N-0512SZ
4.5-5.5
12
250
1000
70
AM3N-0515SZ
4.5-5.5
15
200
1000
70
AM3N-0518SZ
4.5-5.5
18
167
1000
65
AM3N-0524SZ
4.5-5.5
24
125
1000
67
AM3N-1203SZ
10.8-13.2
3.3
600
1000
60
AM3N-1205SZ
10.8-13.2
5
600
1000
66
AM3N-1207SZ
10.8-13.2
7.2
417
1000
69
AM3N-1209SZ
10.8-13.2
9
333
1000
68
AM3N-1212SZ
10.8-13.2
12
250
1000
74
AM3N-1215SZ
10.8-13.2
15
200
1000
72
AM3N-1218SZ
10.8-13.2
18
167
1000
70
AM3N-1224SZ
10.8-13.2
24
125
1000
70
AM3N-2403SZ
21.6-26.4
3.3
600
1000
52
AM3N-2405SZ
21.6-26.4
5
600
1000
66
AM3N-2407SZ
21.6-26.4
7.2
417
1000
61
AM3N-2409SZ
21.6-26.4
9
333
1000
68
AM3N-2412SZ
21.6-26.4
12
250
1000
70
AM3N-2415SZ
21.6-26.4
15
200
1000
70
AM3N-2418SZ
21.6-26.4
18
167
1000
70
AM3N-2424SZ
21.6-26.4
24
125
1000
74
AM3N-0503SH30Z
4.5-5.5
3.3
600
3000
55
AM3N-0505SH30Z
4.5-5.5
5
600
3000
65
AM3N-0507SH30Z
4.5-5.5
7.2
417
3000
62
AM3N-0509SH30Z
4.5-5.5
9
333
3000
70
AM3N-0512SH30Z
4.5-5.5
12
250
3000
70
AM3N-0515SH30Z
4.5-5.5
15
200
3000
70
AM3N-0518SH30Z
4.5-5.5
18
167
3000
65
AM3N-0524SH30Z
4.5-5.5
24
125
3000
67
AM3N-1203SH30Z
10.8-13.2
3.3
600
3000
60
AM3N-1205SH30Z
10.8-13.2
5
600
3000
66
AM3N-1207SH30Z
10.8-13.2
7.2
417
3000
69
AM3N-1209SH30Z
10.8-13.2
9
333
3000
68
AM3N-1212SH30Z
10.8-13.2
12
250
3000
74
AM3N-1215SH30Z
10.8-13.2
15
200
3000
72
AM3N-1218SH30Z
10.8-13.2
18
167
3000
70
AM3N-1224SH30Z
10.8-13.2
24
125
3000
70
AM3N-2403SH30Z
21.6-26.4
3.3
600
3000
52
AM3N-2405SH30Z
21.6-26.4
5
600
3000
66
AM3N-2407SH30Z
21.6-26.4
7.2
417
3000
61
• RoHS compliant
• Operating temperature -40
oC to + 85oC
• 24 Pin DIP Package
Input / Output Isolation 1000, 3000 and 5200VDC
• Low ripple and noise
Pin compatible with multiple manufacturers
• High efficiency up to 74%
Continuous short circuit protection


Similar Part No. - AM3N-1212SH52Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3N-1212SH52 AIMTEC-AM3N-1212SH52 Datasheet
236Kb / 2P
   3 watt dc-dc converters
More results

Similar Description - AM3N-1212SH52Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com