Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA-CN240A05 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRA-CN240A05
Description  6.2mm Din-Rail Mount (35 mm) SSR Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRA-CN240A05 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRA-CN240A05 Datasheet HTML 1Page - Crydom Inc., DRA-CN240A05 Datasheet HTML 2Page - Crydom Inc., DRA-CN240A05 Datasheet HTML 3Page - Crydom Inc., DRA-CN240A05 Datasheet HTML 4Page - Crydom Inc., DRA-CN240A05 Datasheet HTML 5Page - Crydom Inc., DRA-CN240A05 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS for CN048 (1)
Description
DRA-CN048D05
DRA-CN048D24
Control Voltage Range
3-12 VDC
15-30 VDC
Must Turn On Voltage
3.0 VDC
15 VDC
Must Turn Off Voltage
1.0 VDC
5 VDC
Nominal Input Impedance
833 Ohm
3.43K Ohm
Typical Input Current
6 mA @ 5.0 VDC
7 mA @ 24 VDC
Typical Turn-On Time
20 µs
20 µs
Typical Turn-Off Time
130 µs
130 µs
INPUT SPECIFICATIONS for CN240 (1)
Description
DRA-CN240A05
DRA-CN240A24
Control Voltage Range
3-12 VDC
15-30 VDC
Must Turn On Voltage
3.0 VDC
15 VDC
Must Turn Off Voltage
1.0 VDC
5 VDC
Nominal Input Impedance
333 Ohm
3.43K Ohm
Typical Input Current
15 mA @ 5.0 VDC
7 mA @ 24 VDC
Typical Turn-On Time
1/2 Cycle
1/2 Cycle
Typical Turn-Off Time
1/2 Cycle
1/2 Cycle
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output (5)
2.5 KV
Maximum Capacitance, Input/Output
1.5 pF
Ambient Operating Temperature Range
-25 to 60°C
Ambient Storage Temperature Range
-40 to 80°C
Weight (typical)
0.067 lb (31g)
Housing Material
UL 94 V0
Overvoltage Category
lll
Polution Degree
2
Degree of protection (SSR Encapsulation)
IP67
Max. Torque (output screws)
5-7 in lb (0.56-0.8 Nm)
Max. Wire Size (load side)
24-14 AWG Solid or Stranded
GENERAL NOTES
(1) All parameters at 25°C unless otherwise specified.
(2) See derate curves for more information
(3) Operating frequency above 500Hz will damage the SSR (DC output only).
(4) Turn-on time for random turn-on version is 0.1msec
(5) 3.75KV for CN048Dxx


Similar Part No. - DRA-CN240A05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA-CN240A05 CRYDOM-DRA-CN240A05 Datasheet
790Kb / 6P
   DIN Rail Mount
DRA-CN240A05R CRYDOM-DRA-CN240A05R Datasheet
790Kb / 6P
   DIN Rail Mount
More results

Similar Description - DRA-CN240A05

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0259800000 WEIDMULLER-0259800000 Datasheet
495Kb / 1P
   Screw Clamp 35 mm DIN-Rail Terminals
0205200000 WEIDMULLER-0205200000 Datasheet
487Kb / 1P
   Cable Lug 32/35 mm DIN-Rail Terminals
logo
Omron Electronics LLC
J7KNA-AR OMRON-J7KNA-AR Datasheet
472Kb / 6P
   Screw fixing and snap fitting (35 mm DIN rail)
logo
FIBOX Enclosing innovat...
9822003 FIBOX-9822003 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
9822007 FIBOX-9822007 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
9822006 FIBOX-9822006 Datasheet
46Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
9822019 FIBOX-9822019 Datasheet
36Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
9822020 FIBOX-9822020 Datasheet
47Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
5518030 FIBOX-5518030 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
14.08.2023
5514082 FIBOX-5514082 Datasheet
52Kb / 1P
   DIN-35 Mounting rail, for enclosures
17.01.2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com