Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR9150GZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MXR9150GZ
Description  The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXR9150GZ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MXR9150GZ Datasheet HTML 1Page - List of Unclassifed Manufacturers MXR9150GZ Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR9150GZ Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR9150GZ Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR9150GZ Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR9150GZ Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR9150GZ Datasheet HTML 7Page - List of Unclassifed Manufacturers MXR9150GZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MEMSIC MXR9150G/M Rev.D
Page 3 of 8
2/27/2007
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD)
………………...-0.5 to +7.0V
Storage Temperature ……….…………-65
°C to +150°C
Acceleration ……………………………………..50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; the functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Pin Description: LCC-16 Package
Pin
Name
Description
I/O
1
NC
Do Not Connect
NC
2
Zout
Z Channel Output
O
3
VSA2
Connect to Ground
I
4
VDD1
2.7V to 3.6V
I
5
DI1
Power Down Pin
I
6
SCK1
Connect to Ground
I
7
NC
Do Not Connect
NC
8
VSA1
Connect to Ground
I
9
NC
Do Not Connect
NC
10
NC
Do Not Connect
NC
11
VDD2
2.7V to 3.6V
I
12
Yout
Y Channel Output
O
13
Xout
X Channel Output
O
14
VDD3
2.7V to 3.6V
I
15
SCK2
Connect to Ground
I
16
DI2
Power Down Pin
I
Ordering Guide
Model
Temperature
Range
Package
MXR9150GZ
0 to 70
°C
LCC16,
RoHS compliant
MXR9150MZ
-40 to 85
°C
LCC16,
RoHS compliant
All parts are shipped in tape and reel packaging.
Caution: ESD (electrostatic discharge) sensitive device.
Note: Small circle indicates pin one (1).
THEORY OF OPERATION
The MEMSIC device is a complete tri-axis acceleration
measurement system in a single package fabricated on
CMOS IC process. The device operation is based on heat
transfer by natural convection and operates like other
accelerometers having a proof mass except it is a gas in
MEMSIC sensor.
Heat source, centered in the silicon chip is suspended
across a cavity. Equally spaced aluminum/polysilicon
thermopiles (groups of thermocouples) are located
equidistantly on all four sides of the heat source. Under
zero acceleration, a temperature gradient is symmetrical
about the heat source, so that the temperature is the same at
all four thermopiles, causing them to output the same
voltage.
Acceleration in any direction will disturb the temperature
profile, due to free convection heat transfer, causing it to be
asymmetrical. The temperature, and hence voltage output
of the four thermopiles will then be different. The
differential voltage at the thermopile outputs is directly
proportional to the acceleration. Please visit the MEMSIC
website at www.memsic.com for a picture/graphic
description of the free convection heat transfer principle.
+X
+Z
+X
+Y
+Z
13
14
15
16
1
2
5
6
7
8
9
10
11
12
4
3
(Top View)
(Side View)


Similar Part No. - MXR9150GZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
MXR9500M ETC1-MXR9500M Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
logo
Motorola, Inc
MXR9745RT1 MOTOROLA-MXR9745RT1 Datasheet
53Kb / 4P
   31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
MXR9745T1 MOTOROLA-MXR9745T1 Datasheet
53Kb / 4P
   31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
More results

Similar Description - MXR9150GZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
logo
Analog Devices
ADIS16350 AD-ADIS16350 Datasheet
171Kb / 10P
   Tri Axis Gyroscope & Accelerometer
Rev. PrA 11/10/2006
logo
List of Unclassifed Man...
KXRB5-2050 ETC2-KXRB5-2050 Datasheet
437Kb / 13P
   Tri-axis Accelerometer Specifications
KXSS5-2057 ETC2-KXSS5-2057 Datasheet
782Kb / 31P
   Tri-axis Accelerometer Specifications
KXSS5-4457 ETC2-KXSS5-4457 Datasheet
781Kb / 31P
   Tri-axis Accelerometer Specifications
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
   2g Tri-Axis Accelerometer Specifications
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
   2g Tri-Axis Accelerometer Specifications
KXD94-2802 ETC2-KXD94-2802 Datasheet
159Kb / 9P
   10g Tri-Axis Accelerometer Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com