Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR9150G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MXR9150G
Description  The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXR9150G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MXR9150G Datasheet HTML 1Page - List of Unclassifed Manufacturers MXR9150G Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR9150G Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR9150G Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR9150G Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR9150G Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR9150G Datasheet HTML 7Page - List of Unclassifed Manufacturers MXR9150G Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MEMSIC MXR9150G/M Rev.D
Page 4 of 8
2/27/2007
TYPICAL CHARACTERISTICS, % OF UNITS (@ 25
°C, V
DD = 3.0V)
Offset X&Y Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-127 -100
-73
-47
-20
7
33
60
87
113
offset(mg)
X-axis
Y-axis
Offset Z Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
-127 -100
-73
-47
-20
7
33
60
87
113
offset(mg)
Z-axis
0g X&Y Offset
Deviation
0g Z Offset Deviation
Sensitivity X&Y Distribution
0%
5%
10%
15%
20%
25%
30%
35%
141
143
145
147
149
151
153
155
157
159
Sen(mV/g)
X-axis
Y-axis
Sensitivity Z Distribution
0%
5%
10%
15%
20%
25%
30%
35%
141
143
145
147
149
151
153
155
157
159
Sen(mV/g)
Z-axis
X&Y Axis Sensitivity Distribution
Z Axis Sensitivity Distribution


Similar Part No. - MXR9150G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
MXR9500M ETC1-MXR9500M Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
logo
Motorola, Inc
MXR9745RT1 MOTOROLA-MXR9745RT1 Datasheet
53Kb / 4P
   31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
MXR9745T1 MOTOROLA-MXR9745T1 Datasheet
53Kb / 4P
   31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
More results

Similar Description - MXR9150G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
logo
Analog Devices
ADIS16350 AD-ADIS16350 Datasheet
171Kb / 10P
   Tri Axis Gyroscope & Accelerometer
Rev. PrA 11/10/2006
logo
List of Unclassifed Man...
KXRB5-2050 ETC2-KXRB5-2050 Datasheet
437Kb / 13P
   Tri-axis Accelerometer Specifications
KXSS5-2057 ETC2-KXSS5-2057 Datasheet
782Kb / 31P
   Tri-axis Accelerometer Specifications
KXSS5-4457 ETC2-KXSS5-4457 Datasheet
781Kb / 31P
   Tri-axis Accelerometer Specifications
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
   2g Tri-Axis Accelerometer Specifications
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
   2g Tri-Axis Accelerometer Specifications
KXD94-2802 ETC2-KXD94-2802 Datasheet
159Kb / 9P
   10g Tri-Axis Accelerometer Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com