Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3G-2405DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3G-2405DZ
Description  3 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3G-2405DZ Datasheet(HTML) 1 Page - AIMTEC

  AM3G-2405DZ Datasheet HTML 1Page - AIMTEC AM3G-2405DZ Datasheet HTML 2Page - AIMTEC AM3G-2405DZ Datasheet HTML 3Page - AIMTEC AM3G-2405DZ Datasheet HTML 4Page - AIMTEC AM3G-2405DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM3G-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.E
1 of 5
North America only
FEATURES:
Models Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
AM3G-0503SZ
4.5-9
3.3
700
1600
2200
74
AM3G-0505SZ
4.5-9
5
600
1600
1000
76
AM3G-0512SZ
4.5-9
12
250
1600
470
82
AM3G-0515SZ
4.5-9
15
200
1600
220
82
AM3G-1203SZ
9-18
3.3
700
1600
2200
76
AM3G-1205SZ
9-18
5
600
1600
1000
81
AM3G-1212SZ
9-18
12
250
1600
470
84
AM3G-1215SZ
9-18
15
200
1600
220
84
AM3G-2403SZ
18-36
3.3
700
1600
2200
74
AM3G-2405SZ
18-36
5
600
1600
1000
79
AM3G-2412SZ
18-36
12
250
1600
470
82
AM3G-2415SZ
18-36
15
200
1600
220
84
AM3G-4803SZ
36-72
3.3
700
1600
2200
75
AM3G-4805SZ
36-72
5
600
1600
1000
78
AM3G-4812SZ
36-72
12
250
1600
470
81
AM3G-4815SZ
36-72
15
200
1600
220
81
AM3G-0503SH30Z
4.5-9
3.3
700
3000
2200
74
AM3G-0505SH30Z
4.5-9
5
600
3000
1000
76
AM3G-0512SH30Z
4.5-9
12
250
3000
470
82
AM3G-0515SH30Z
4.5-9
15
200
3000
220
82
AM3G-1203SH30Z
9-18
3.3
700
3000
2200
76
AM3G-1205SH30Z
9-18
5
600
3000
1000
81
AM3G-1212SH30Z
9-18
12
250
3000
470
84
AM3G-1215SH30Z
9-18
15
200
3000
220
84
AM3G-2403SH30Z
18-36
3.3
700
3000
2200
74
AM3G-2405SH30Z
18-36
5
600
3000
1000
79
AM3G-2412SH30Z
18-36
12
250
3000
470
82
AM3G-2415SH30Z
18-36
15
200
3000
220
84
AM3G-4803SH30Z
36-72
3.3
700
3000
2200
75
AM3G-4805SH30Z
36-72
5
600
3000
1000
78
AM3G-4812SH30Z
36-72
12
250
3000
470
81
AM3G-4815SH30Z
36-72
15
200
3000
220
81
Models Dual output
Model
Input
Voltage
(V)
Output Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
(%)
AM3G-0505DZ
4.5-9
±5
±300
1600
±470
77
AM3G-0512DZ
4.5-9
±12
±125
1600
±220
81
AM3G-0515DZ
4.5-9
±15
±100
1600
±100
82
AM3G-1205DZ
9-18
±5
±300
1600
±470
80
AM3G-1212DZ
9-18
±12
±125
1600
±220
83
AM3G-1215DZ
9-18
±15
±100
1600
±100
82
AM3G-2405DZ
18-36
±5
±300
1600
±470
80
AM3G-2412DZ
18-36
±12
±125
1600
±220
83
AM3G-2415DZ
18-36
±15
±100
1600
±100
83
AM3G-4805DZ
36-72
±5
±300
1600
±470
78
RoHS compliant
Operating temperature -40°C to + 85°C
High efficiency up to 84%
Continuous Short circuit protection
Remote On/Off Control
Wide 2:1 input range
8 pin SIP package
Input/Output Isolation 1600 & 3000VDC


Similar Part No. - AM3G-2405DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-2405DZ AIMTEC-AM3G-2405DZ Datasheet
273Kb / 6P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3G-2405DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com