Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCM-DAS-3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
VCM-DAS-3 Reference Manual
1
Introduction
Description
The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and
digital I/O for process control and other applications. Its features include:
16 analog voltage outputs with 12-bit
resolution
Multiple output ranges
Software adjustable output ranges per
channel
Simultaneous or individual DAC
update
Power-up ranges set by jumpers in
groups of eight, reset per channel by
software
Software calibration
16-bit or 8-bit ISA modes
Read-back of DAC and SPAN codes
Reset/power up to 0V outputs for all
ranges
External trigger
+5V operation
24-channel digital I/O
The VCM-DAS-3 module provides 16 single-ended analog outputs and 24 digital I/O channels.
Fully compatible at the register and connector level with the Diamond Systems Ruby-MM DAC
board, VCM-DAS-3 also provides enhanced mode operation that extends its capabilities. In
enhanced mode:
Analog output ranges can be set for individual channels through software.
Analog output and ranges can be read from individual channels.
Specific analog channels can be placed into sleep mode to conserve power.
Individual channels can be updated and read.
Calibration can be performed with software.
1
1


Similar Part No. - VCM-DAS-3

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VCM VATRONICS-VCM Datasheet
93Kb / 3P
   Ceramic Multilayer Capacitors
logo
D+H Mechatronic AG
VCM05U DH-VCM05U Datasheet
402Kb / 2P
   CNV control panel
logo
List of Unclassifed Man...
VCM095 ETC-VCM095 Datasheet
419Kb / 20P
   Pressure switches and pressure monitors for overpressure
VCM101 ETC-VCM101 Datasheet
419Kb / 20P
   Pressure switches and pressure monitors for overpressure
VCM301 ETC-VCM301 Datasheet
419Kb / 20P
   Pressure switches and pressure monitors for overpressure
More results

Similar Description - VCM-DAS-3

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
104-DIO24E ADL-104-DIO24E Datasheet
97Kb / 2P
   PC/104-Analog I/O Board
logo
List of Unclassifed Man...
M-7067D ETC2-M-7067D Datasheet
525Kb / 6P
   The M-7067D device is a network data acquisition and control module that support Modbus RTU
logo
Intronics Power, Inc.
RTI-820 INTRONICS-RTI-820 Datasheet
934Kb / 5P
   IBM PC/XT/AT Compatible Modular Analog and Digital I/O Board
logo
ADL Embedded Solutions
104-AIO12-8 ADL-104-AIO12-8 Datasheet
364Kb / 2P
   12-bit, 8-channel A/D, 4 analog outputs and 24 digital I/O
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117_11 Datasheet
725Kb / 1P
   PC/104 I/O & Power Modules
PC104IO ADVANTECH-PC104IO Datasheet
550Kb / 2P
   PC/104 I/O & Power Modules
logo
Motorola, Inc
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
   Using the QSPI for Analog Data Acquisition
logo
Cirrus Logic
CDBCAPTURE CIRRUS-CDBCAPTURE Datasheet
236Kb / 10P
   Data Capture and Interface Board for a PC
logo
PHOENIX CONTACT
2724436 PHOENIX-2724436 Datasheet
71Kb / 2P
   Cable set, for COM1, COM2, for PC controller board in PC/104 format
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
   Digital and analog outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com