Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-1908-001 Datasheet(PDF) 9 Page - ITT Industries

Part # 030-1908-001
Description  ARINC 404
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-1908-001 Datasheet(HTML) 9 Page - ITT Industries

Back Button 030-1908-001 Datasheet HTML 5Page - ITT Industries 030-1908-001 Datasheet HTML 6Page - ITT Industries 030-1908-001 Datasheet HTML 7Page - ITT Industries 030-1908-001 Datasheet HTML 8Page - ITT Industries 030-1908-001 Datasheet HTML 9Page - ITT Industries 030-1908-001 Datasheet HTML 10Page - ITT Industries 030-1908-001 Datasheet HTML 11Page - ITT Industries 030-1908-001 Datasheet HTML 12Page - ITT Industries 030-1908-001 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
26*
30C4
32
32C2*
40*
40C1*
45*
57*
67*
26
Contact
Arr.
Contact
Arr. No.
Contact
Numbers
Contact
Numbers
No. of
Contacts
PIN
SOCKET
No. of
Contacts
No. of
Contacts
& Wire Size
Test
Voltage
AC (RMS)
Contact
Type
Code
Contact
Type
Code
Same as Pin
1-26
1,6 14-26
2-5, 7-13
27-30
1,6 14-26
2-5, 7-13
27-30
1,6 14-26
2-5, 7-13
27-30
1,3,4,7-32
2,5,6
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
L
F
L
F
1-39
A1
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-30
A1, A2
1-40
1-39
A1
1-39
A1
1-39
A1
1-39
A1
1-39
A1
1-39
A1
1-45
1-57
1-2,6-65
3-5
L
M
L
L
L
A
L
AA
L
Z
L
C
L
K
L
B
L
L
AA
L
Z
L
B
L
A
L
K
L
M
L
M
A
L
M
AA
L
M
Z
M
26
15
11
4
15
11
4
15
11
4
29
3
30
2
30
2
30
2
30
2
30
2
30
2
40
39
1
39
1
39
1
39
1
39
1
39
1
45
45
L40C1
K40C1
J40C1
F40C1
A40C1
40C1
40
N32C2
M32C2
D32C2
C32C2
A32C2
32C2
32
C30C4
B30C4
A30C4
26
1500V
26 #16
15 #20.
11 #16,
4 coax
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A1
1
2
3
4
5
6
7
8
8
8
8
9
9
9
9
10
10
11
11
12
12
13
13
14
14
15
15
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
16
16
17
17
18
19
18
19
20
20
21
21
22
22
23
23
24
24
25
25
20
21
22
23
24
25
26
26
27
27
28
28
26
27
28
20
21
22
23
24
25
26
27
28
29
29
30
30
31
31
32
32
33
33
34
34
35
35
29
29
30
31
32
33
34
35
36
36
37
37
38
39
38
36
37
38
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
39
40
41
42
39
40
41
42
43
44
45
46
47
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
1
1
1
2
2
2
3
3
3
4
4
4
5
5
5
6
6
6
7
7
7
33
34
35
36
37
38
39
40
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
3 #16
29 #20
30 #20
2 coax
40 #20
39 #20
1 coax
45 #20
57 #20
64 #20
3 #16
1500 (2-5
& 7-13)V
1000 (1,6
& 14-26)V
2000
(1-6)
1500
(7-32)V
1500
(1-30)V
1000
(A1, A2)V
1500V
1500
(1-39)V
1000
(A1)V
1500V
1500V
1000V
57
64
3
67
57
L
C
30
2
39
1
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
30C4
32
32C2
40
40C1
45
57
67
NOTE: See pages 59-60 for Coaxial/Power Contact Termination Data
ARINC 404
DPX
Contact Arrangement Variations Solder Type (Captive Contacts)
51
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - 030-1908-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-1908-000 ITT-030-1908-000 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results

Similar Description - 030-1908-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM3522 ETC2-LM3522 Datasheet
129Kb / 1P
   SIZE 1 ARINC 404 CONNECTOR FOR ECS CABLE 352001
LM022 ETC2-LM022 Datasheet
128Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 310801
LMT101 ETC2-LMT101 Datasheet
72Kb / 1P
   ARINC 404 SIZE 1 TO TNC JACK 50 OHM RF ADAPETR
LM522 ETC2-LM522 Datasheet
127Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 432101 AND 532101
LM722 ETC2-LM722 Datasheet
132Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 311901, 3C142B, AND 3C058A
logo
Varitronix internationa...
VIM-404-DP VARITRONIX-VIM-404-DP Datasheet
34Kb / 1P
   VIM-404-DP
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com