Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL-ENCL-5 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VL-ENCL-5
Description  The VL-ENCL-5 provides easy access, superb protection and portable convenience for products under development.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VL-ENCL-5 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VL-ENCL-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers VL-ENCL-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VL-ENCL-5 Reference Manual
2
Technical Specifications
Size:
13.12” W x 10.2” D x 4.5” H
Connector Panel:
Accommodates (depending on configuration) VGA, PS/2 keyboard and mouse, COM (4), LPT,
RJ45 (Ethernet, 2), USB (4), sound and mic jacks, reset switch, LEDs (2), speaker, 50-pin cable
exit slot, CompactFlash
Expansion Modules:
Accommodates two PC/104 boards on EBX and EPIC form factor SBCs (or one expansion board
with a dual-board computer)
Material:
Light gauge steel
Finish:
Black powder coat
Accessories / Options
The following accessories and options for the VL-ENCL-5 are available from VersaLogic:
VL-CDD-IDE1
CD-RW, DVD-ROM, Internal
VL-ENCL-3HS
Handle set
VL-ENCL5LID
Tilt lid for VL-ENCL-5
VL-FDD-144
3.5” floppy drive, 1.44 MB
VL-HDD-35-xx
3.5” hard drive
VL-HDW-101
Metric standoff package - PC/104
VL-HDW-105
Metric standoff package - SUMIT
VL-HDW-201
PC/104 extractor tool
VL-HDS35-320
320 GB 3.5” SATA hard drive
VL-PS200-ATX
200 watt ATX style power supply
Recommended Tools
ESD protected work area
3/16” and 7/32” hex drivers
Flathead screwdriver
Needle nose pliers
Phillips screwdriver


Similar Part No. - VL-ENCL-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-EBX-11G ETC2-VL-EBX-11G Datasheet
426Kb / 2P
   EBX Single Board Computer
VL-EBX-11H ETC2-VL-EBX-11H Datasheet
426Kb / 2P
   EBX Single Board Computer
VL-EPHS-B1 ETC2-VL-EPHS-B1 Datasheet
797Kb / 2P
   The VL-EPHs-B1 is designed to support OEM applications where high reliability and long-term availability are required.
VL-EPHS-P1 ETC2-VL-EPHS-P1 Datasheet
669Kb / 2P
   The VL-EPHs-P1 expansion module provides Mini PCIe socket expansion for any SUMIT-based embedded system.
VL-EPHS-S1 ETC2-VL-EPHS-S1 Datasheet
544Kb / 2P
   The VL-EPHs-S1 expansion module provides SATA interface capabilities for any SUMIT-based embedded system.
More results

Similar Description - VL-ENCL-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
logo
Silicon Laboratories
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
   The Unified Development Platform (UDP) provides a development
logo
List of Unclassifed Man...
SN10 ETC1-SN10 Datasheet
3Mb / 98P
   The superb ILEC Variometer and Audio
logo
Axiomtek Co., Ltd.
P1177S-871 AXIOMTEK-P1177S-871_16 Datasheet
377Kb / 2P
   Easy installation: Less screw design for users convenience
P1127E-871 AXIOMTEK-P1127E-871_16 Datasheet
436Kb / 2P
   Easy installation: Less screw design for users convenience
logo
List of Unclassifed Man...
BUZ905 ETC-BUZ905 Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
BUZ900X4S ETC-BUZ900X4S Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Axiomtek Co., Ltd.
P1157E-871 AXIOMTEK-P1157E-871 Datasheet
440Kb / 2P
   Easy installation - Less screw design for users convenience
logo
List of Unclassifed Man...
PLD-28 ETC2-PLD-28 Datasheet
33Kb / 1P
   Provided in a handy dispenser for convenience and label protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com