Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-1909-001 Datasheet(PDF) 11 Page - ITT Industries

Part # 030-1909-001
Description  ARINC 404
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-1909-001 Datasheet(HTML) 11 Page - ITT Industries

Back Button 030-1909-001 Datasheet HTML 7Page - ITT Industries 030-1909-001 Datasheet HTML 8Page - ITT Industries 030-1909-001 Datasheet HTML 9Page - ITT Industries 030-1909-001 Datasheet HTML 10Page - ITT Industries 030-1909-001 Datasheet HTML 11Page - ITT Industries 030-1909-001 Datasheet HTML 12Page - ITT Industries 030-1909-001 Datasheet HTML 13Page - ITT Industries 030-1909-001 Datasheet HTML 14Page - ITT Industries 030-1909-001 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
32W2
32W2**
(For MA)
A32W2
(For ME)
32W4**
(For MA)
A32W4
(For ME)
36W7**
40
40W1**
(For MA)
A40W1
(For ME)
45
32W4
36W7
40
40W1
45
Contact
Arr.
No. of Contacts
& Wire Size
Test Voltage
AC (RMS)
Contact
Arr. No.
No. of
Contacts
Contact
Numbers
Contact Size or
Code Letter
30 #20, 2 coax
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
A1
A2
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
1
2
3
4
5
6
7
7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
8
9
10
11
12
13
8
9
10
11
12
13
14
14
A1
15
11
12
13
14
15
15
15
16
16
16
17
17
17
18
18
18
19
19
19
16
17
18
19
20
21
22
20
20
21
21
22
22
23
23
23
24
24
24
20
21
22
23
24
25
25
26
26
27
27
28
28
29
29
30
31
25
25
26
27
28
29
30
31
26
27
28
29
30
31
32
33
34
35
36
37
38
39
32
33
34
35
32
33
34
35
36
37
38
39
36
37
38
39
40
41
42
43
44
45
40
A1
A2
A3
A4
A5
A6
A7
1500 (1-30),
1000 (A1,A2)V
1500 (1-28),
1000 (29-32)V
1000
1500V
1500 (1-39)
1000 (A1)V
1500V
24 #20 H.D.
4 #16, 4 coax
29 #22
7 coax (Size 5)
40 #20
39 #20,
1 coax
45 #20
32W2
32A2
32B2
32C2
D32C2
32F2
32G2
32W4
32C4
B32C4
C32C4
D32C4
E32C4
H32C4
40
40W1
40B1
40F1
F40C1
45
30
2
30
2
30
2
30
2
30
2
30
2
30
2
4
24
4
4
24
4
4
24
4
4
24
4
4
24
4
4
24
4
4
24
4
40
39
1
39
1
39
1
39
1
45
20
coax
20
B
20
A
20
D
20
J
20
P
20
C
coax
20 H.D.
16
S
20 H. D.
16
H
20 H. D.
16
R
20 H. D.
16
G
20 H. D.
16
AA
20 H. D.
16
AB
20 H. D.
16
20
20
coax
20
B
20
P
20
J
20
1-30
A1,A2
29-32
1-7, 10-22
25-28
8, 9, 23, 24
1-40
1-39
A1
1-45
**Crimp rear release coaxial contacts.
NOTE: See pages 62-65 for Coaxial Contact data
See pages 57-58 for Crimp Contact data
29
ARINC 404
DPX*MA/ME
Contact Arrangement Variations, Crimp Type - DPX*MA/ME Series
53
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - 030-1909-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-1909-000 ITT-030-1909-000 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results

Similar Description - 030-1909-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM3522 ETC2-LM3522 Datasheet
129Kb / 1P
   SIZE 1 ARINC 404 CONNECTOR FOR ECS CABLE 352001
LM022 ETC2-LM022 Datasheet
128Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 310801
LMT101 ETC2-LMT101 Datasheet
72Kb / 1P
   ARINC 404 SIZE 1 TO TNC JACK 50 OHM RF ADAPETR
LM522 ETC2-LM522 Datasheet
127Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 432101 AND 532101
LM722 ETC2-LM722 Datasheet
132Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 311901, 3C142B, AND 3C058A
logo
Varitronix internationa...
VIM-404-DP VARITRONIX-VIM-404-DP Datasheet
34Kb / 1P
   VIM-404-DP
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com