Electronic Components Datasheet Search |
|
030-2259-000 Datasheet(PDF) 7 Page - ITT Industries |
|
030-2259-000 Datasheet(HTML) 7 Page - ITT Industries |
7 / 19 page ARINC 600 BKAD/E/F Contact Arrangements - Shell Size 1 10 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change BKAD/BKAE (Plug Rear face shown) BKAD/BKAE (Plug Rear face shown) REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE REAR REMOVAL CONTACTS ENGAGING END SURFACE WHITE ON RED TO INDICATE FRONT RELEASE FRONT REMOVAL CONTACTS **Pending ARINC release. NOTE: In layouts using #22 contacts mixed with any other contact size (20HD, 16, 12), the size #22 contact type (pin or socket) determines the insulator as a pin insert or a socket insert. (For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory) REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE, REAR REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS (For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory) 30T2 28 #22 2 #8 TWINAX/COAX (#8 Grounded to Shell) 60 60 #22 6** 6 #8 6T6** 6 #8 TRIAX (Metallic Insert) 13W2 4 #20, 4 #12, 3 #16 2 #5 COAX 24T4** 20 #20, 4 #8 TRIAX 100 100 #22 85 80 #22, 4 #20, 1 #16 59** 50 #22, 5 #16, 4 #12 34** 24 #20 HD, 10 #16 4 4 #12 5W2 1 #12 2 #16 2 #5 COAX 40 40 #22 60 60 #22 5W2 1 #12 2 #16 2 #5 COAX BKAF - Available Receptacle Shell Only (Front Release) Shell Cavity A or B Shell Cavity C or F Shell Cavity C Shell Cavity C Shell Cavity A or B 1 2 3 4 5 6 7 1T 2T A B B 2 3 4 5 6 7 8 9 10 11 12 13 14 15 2 3 4 5 6 7 8 9 10 2 1 3 4 5 6 7 8 9 10 2 1 3 4 5 6 7 8 2 3 4 5 6 7 8 2 3 4 5 2 1 1 7 13 19 25 30 6 12 18 24 29 34 3 4 5 51 52 53 54 55 56 57 58 59 6 7 8 9 10 2 1 3 4 5 6 7 8 9 10 11 12 13 14 15 CD B AC D B 1 1 43 21 1 3 B CD E F G H JK B CD E F G H JK B 12 34 5 CD E F G H JK B CD E F G H JK B A CDE F G H JK 5 62 4 7 9 14 15 21 23 24 22 20 8 6 87 5 10 9 11 13 12 2 2 3 3 4 4 5 5 6 6 CD 1 2 3 4 5 4 3 2 1 5 4 3 2 1 C B 2 3 4 5 6 7 8 9 10 11 12 13 14 15 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CD B CD Contact Arrangements - Shell Sizes 2 and 3 |
Similar Part No. - 030-2259-000 |
|
Similar Description - 030-2259-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |