Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2F-0518SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2F-0518SZ
Description  2 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2F-0518SZ Datasheet(HTML) 2 Page - AIMTEC

  AM2F-0518SZ Datasheet HTML 1Page - AIMTEC AM2F-0518SZ Datasheet HTML 2Page - AIMTEC AM2F-0518SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM2F-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.B
2 of 3
North America only
Single output (continued)
Input/Output Isolation 3000VDC
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive load,
max
(μF)
Efficiency
(%)
AM2F-2407SH30Z
21.6-26.4
7.2
278
470
63
AM2F-2409SH30Z
21.6-26.4
9
222
470
64
AM2F-2412SH30Z
21.6-26.4
12
167
470
68
AM2F-2415SH30Z
21.6-26.4
15
134
470
68
AM2F-2418SH30Z
21.6-26.4
18
111
470
68
AM2F-2424SH30Z
21.6-26.4
24
83
470
70
Input/Output Isolation 5200VDC
AM2F-0503SH52Z
4.5-5.5
3.3
600
470
53
AM2F-0505SH52Z
4.5-5.5
5
400
470
66
AM2F-0507SH52Z
4.5-5.5
7.2
278
470
64
AM2F-0509SH52Z
4.5-5.5
9
222
470
66
AM2F-0512SH52Z
4.5-5.5
12
167
470
70
AM2F-0515SH52Z
4.5-5.5
15
134
470
70
AM2F-0518SH52Z
4.5-5.5
18
111
470
67
AM2F-0524SH52Z
4.5-5.5
24
83
470
68
AM2F-1203SH52Z
10.8-13.2
3.3
600
470
53
AM2F-1205SH52Z
10.8-13.2
5
400
470
66
AM2F-1207SH52Z
10.8-13.2
7.2
278
470
63
AM2F-1209SH52Z
10.8-13.2
9
222
470
66
AM2F-1212SH52Z
10.8-13.2
12
167
470
70
AM2F-1215SH52Z
10.8-13.2
15
134
470
70
AM2F-1218SH52Z
10.8-13.2
18
111
470
66
AM2F-1224SH52Z
10.8-13.2
24
83
470
68
AM2F-2403SH52Z
21.6-26.4
3.3
600
470
54
AM2F-2405SH52Z
21.6-26.4
5
400
470
64
AM2F-2407SH52Z
21.6-26.4
7.2
278
470
63
AM2F-2409SH52Z
21.6-26.4
9
222
470
64
AM2F-2412SH52Z
21.6-26.4
12
167
470
68
AM2F-2415SH52Z
21.6-26.4
15
134
470
68
AM2F-2418SH52Z
21.6-26.4
18
111
470
68
AM2F-2424SH52Z
21.6-26.4
24
83
470
70
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.5-5.5
10.8-13.2
21.6-25.4
VDC
Filter
Capacitor
Turn on Transient process time
100
ms
Start up time
300
ms
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
0-7
0-15
0-28
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000, 3000 or 5200
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF


Similar Part No. - AM2F-0518SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2F-0518SZ AIMTEC-AM2F-0518SZ Datasheet
443Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2F-0518SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com