Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S85B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S85B
Description  High Surge Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S85B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S85B Datasheet HTML 1Page - List of Unclassifed Manufacturers S85B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM = 100 V - 1600 V
IF =85 A
Features
• High Surge Capability
DO-5 Package
• Types up to 1600 V VRRM
Parameter
Symbol
S85B (R)
S85D (R)
Unit
Repetitive peak reverse voltage
VRRM
100
200
V
S85B thru S85JR
S85J (R)
400
S85G (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Standard
Recovery Diode
Conditions
600
pp
g
RMS reverse voltage
VRMS
70
140
V
DC blocking voltage
VDC
100
200
V
Continuous forward current
IF
85
85
A
Operating temperature
Tj
-65 to 180
-65 to 180
°C
Storage temperature
Tstg
-65 to 180
-65 to 180
°C
Parameter
Symbol
S85B (R)
S85D (R)
Unit
Diode forward voltage
1.1
1.1
10
10
μA
15
15
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.65
0.65
°C/W
15
A
1800
Reverse current
IR
VF
1800
VR = 100 V, Tj = 25 °C
IF = 85 A, Tj = 25 °C
TC ≤ 140 °C
Conditions
280
1800
1800
-65 to 180
85
85
-65 to 180
S85J (R)
10
10
S85G (R)
0.65
VR = 100 V, Tj = 180 °C
0.65
1.1
1.1
9
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
-65 to 180
-65 to 180
TC = 25 °C, tp = 8.3 ms
420
600
400
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
www.genesicsemi.com
1


Similar Part No. - S85B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85B ETC2-S85B Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
611Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
790Kb / 3P
   Silicon Standard Recovery Diode
S85BR GENESIC-S85BR Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - S85B

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com