Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C02A-5LR-T Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FT24C02A-5LR-T
Description  The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C02A-5LR-T Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FT24C02A-5LR-T Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 9Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 10Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 11Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 12Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 13Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 14Page - List of Unclassifed Manufacturers FT24C02A-5LR-T Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FT24C02A
© 2009 Fremont Micro Devices Inc.
DS3011B-page
11
DC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typical
Max
Unit
s
VCC1
Power supply VCC
1.8
5.5
V
ICC
Supply read current
VCC @ 5.0V SCL = 400 kHz
0.5
1.0
mA
ICC
Supply write current
VCC @ 5.0V SCL = 400 kHz
2.0
3.0
mA
ISB1
Supply current
VCC @ 1.8V, VIN = VCC or VSS
1.0
µA
ISB2
Supply current
VCC @ 2.5V, VIN = VCC or VSS
1.0
µA
ISB3
Supply current
VCC @ 5.0V, VIN = VCC or VSS
0.07
1.0
µA
IIL
Input leakage current
VIN = VCC or VSS
3.0
µA
ILO
Output leakage
current
VIN = VCC or VSS
3.0
µA
VIL
Input low level
-0.6
VCC × 0.3
V
VIH
Input high level
VCC × 0.7
VCC + 0.5
V
VOL1
Output low level
VCC @ 1.8V, IOL = 0.15 mA
0.2
V
VOL2
Output low level
VCC @ 3.0V, IOL = 2.1 mA
0.4
V
ORDER CODE:
FT24C02A – XXX - X
Temperature Range
U / 5: -40 to 85?
Package
D: DIP
Option
G: Green Package RoHS Compliant
R: RoHS Compliant
Packaging
B: Tube
T: Tape and Reel
S: SOP
M: MSOP
T: TSSOP
N: DFN
L: SOT23-5
P: TSOT23-5


Similar Part No. - FT24C02A-5LR-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDR-B ETC2-FT24C08A-UDR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C02A-5LR-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04A ETC2-24C04A Datasheet
322Kb / 20P
   The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
   The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com