Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1D-0515D-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1D-0515D-NZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-0515D-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM1D-0515D-NZ Datasheet HTML 1Page - AIMTEC AM1D-0515D-NZ Datasheet HTML 2Page - AIMTEC AM1D-0515D-NZ Datasheet HTML 3Page - AIMTEC AM1D-0515D-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM1D-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(926 6832)
F 051e R6.H
2 of 4
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1D-1205D-NZ
10.8-13.2
±5
±100
1000
74
AM1D-1209D-NZ
10.8-13.2
±9
±55
1000
76
AM1D-1212D-NZ
10.8-13.2
±12
±42
1000
79
AM1D-1215D-NZ
10.8-13.2
±15
±35
1000
80
AM1D-2405D-NZ
21.6-26.4
±5
±100
1000
74
AM1D-2409D-NZ
21.6-26.4
±9
±55
1000
76
AM1D-2412D-NZ
21.6-26.4
±12
±42
1000
80
AM1D-2415D-NZ
21.6-26.4
±15
±35
1000
81
AM1D-0505DH30-NZ
4.5-5.5
±5
±100
3000
72
AM1D-0509DH30-NZ
4.5-5.5
±9
±55
3000
75
AM1D-0512DH30-NZ
4.5-5.5
±12
±42
3000
78
AM1D-0515DH30-NZ
4.5-5.5
±15
±35
3000
79
AM1D-1205DH30-NZ
10.8-13.2
±5
±100
3000
74
AM1D-1209DH30-NZ
10.8-13.2
±9
±55
3000
76
AM1D-1212DH30-NZ
10.8-13.2
±12
±42
3000
79
AM1D-1215DH30-NZ
10.8-13.2
±15
±35
3000
80
AM1D-2405DH30-NZ
21.6-26.4
±5
±100
3000
74
AM1D-2409DH30-NZ
21.6-26.4
±9
±55
3000
76
AM1D-2412DH30-NZ
21.6-26.4
±12
±42
3000
80
AM1D-2415DH30-NZ
21.6-26.4
±15
±35
3000
81
AM1D-0505DH60-NZ
4.5-5.5
±5
±100
6000
72
AM1D-0509DH60-NZ
4.5-5.5
±9
±55
6000
72
AM1D-0512DH60-NZ
4.5-5.5
±12
±42
6000
75
AM1D-0515DH60-NZ
4.5-5.5
±15
±35
6000
75
AM1D-1205DH60-NZ
10.8-13.2
±5
±100
6000
75
AM1D-1209DH60-NZ
10.8-13.2
±9
±55
6000
76
AM1D-1212DH60-NZ
10.8-13.2
±12
±42
6000
78
AM1D-1215DH60-NZ
10.8-13.2
±15
±35
6000
78
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
15
13.5-16.5
24
21.6-26.4
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1000, 3000 & 6000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±5
%
Voltage balance
Dual Output
±1
%
Short Circuit protection
Momentary (1 sec.)
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
load 10~100%
10
%
Load voltage regulation (Dual)
load 10~100%
10
%


Similar Part No. - AM1D-0515D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-0515D-N AIMTEC-AM1D-0515D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
More results

Similar Description - AM1D-0515D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com