Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C02A-USR-B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FT24C02A-USR-B
Description  The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C02A-USR-B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FT24C02A-USR-B Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 9Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 10Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 11Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 12Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 13Page - List of Unclassifed Manufacturers FT24C02A-USR-B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FT24C02A
AC CHARACTERISTICS
1.8 V
2.5-5.0 V
Symbol
Parameter
Min
Max
Min
Max
Unit
fSCL
Clock frequency, SCL
400
1000
kHz
tLOW
Clock pulse width low
1.3
0.4
µs
tHIGH
Clock pulse width high
0.6
0.4
µs
tI
Noise suppression time
(1)
180
120
ns
tAA
Clock low to data out valid
0.3
0.9
0.2
0.55
µs
tBUF
Time the bus must be free
before a new transmission can
start
(1)
1.3
0.5
µs
tHD.STA
START hold time
0.6
0.25
µs
tSU.STA
START set-up time
0.6
0.25
µs
tHD.DAT
Data in hold time
0
0
µs
tSU.DAT
Data in set-up time
100
100
ns
tR
Input rise time
(1)
0.3
0.3
µs
tF
Input fall time
(1)
300
100
ns
tSU.STO
STOP set-up time
0.6
0.25
µs
tDH
Date out hold time
50
50
ns
WR
Write cycle time
5
5
ms
Endurance
(1)
25
oC, Page Mode, 3.3V
1,000,000
Write Cycles
Notes: 1. This Parameter is expected by characterization but is not fully screened by test.
2. AC Measurement conditions:
RL (Connects to Vcc): 1.3KΩ
Input Pulse Voltages: 0.3Vcc to 0.7Vcc
Input and output timing reference Voltages: 0.5Vcc
DS3011B-page
10
© 2009 Fremont Micro Devices Inc.


Similar Part No. - FT24C02A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDR-B ETC2-FT24C08A-UDR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C02A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04A ETC2-24C04A Datasheet
322Kb / 20P
   The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
   The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com