Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C08A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 24C08A
Description  The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24C08A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 24C08A Datasheet HTML 5Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 6Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 8Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 9Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 10Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 11Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 12Page - List of Unclassifed Manufacturers 24C08A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
24C04A, 24C08A, 24C16A
© 2009 Fremont Micro Devices Inc.
DS3001M-page9
DC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typical
Max
Units
VCC1
24C
A supply VCC
1.8
5.5
V
ICC
Supply read current
VCC @ 5.0V SCL = 400 kHz
0.5
1.0
mA
ICC
Supply write current
VCC @ 5.0V SCL = 400 kHz
2.0
3.0
mA
ISB1
Supply current
VCC @ 1.8V, VIN = VCC or VSS
1.0
µA
ISB2
Supply current
VCC @ 2.5V, VIN = VCC or VSS
1.0
µA
ISB3
Supply current
VCC @ 5.0V, VIN = VCC or VSS
0.07
1.0
µA
IIL
Input leakage current
VIN = VCC or VSS
3.0
µA
ILO
Output leakage current
VIN = VCC or VSS
3.0
µA
VIL
Input low level
-0.6
VCC 0.3
V
VIH
Input high level
VCC0.7
VCC + 0.5
V
VOL1
Output low level
VCC @ 1.8V, IOL = 0.15 mA
0.2
V
VOL2
Output low level
VCC @ 3.0V, IOL = 2.1 mA
0.4
V


Similar Part No. - 24C08A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24C08A ATMEL-24C08A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
logo
List of Unclassifed Man...
24C08A ETC2-24C08A Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
24C08A ETC2-24C08A Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
ATMEL Corporation
24C08A ATMEL-24C08A Datasheet
257Kb / 20P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - 24C08A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C02A ETC2-FT24C02A Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
   The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
Catalyst Semiconductor
CAT24FC02 CATALYST-CAT24FC02 Datasheet
448Kb / 10P
   The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
logo
List of Unclassifed Man...
TC57512AD-15 ETC1-TC57512AD-15 Datasheet
675Kb / 13P
   65,536 WORDS x 8 BITS CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Texas Instruments
JBP18S030 TI-JBP18S030 Datasheet
270Kb / 7P
[Old version datasheet]   256 BITS (32 WORDS BY 8 BITS) PROGRAMMABLE READ-ONLY MEMORIES
logo
Elpida Memory
EDE1104AASE ELPIDA-EDE1104AASE Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
logo
Renesas Technology Corp
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
   65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com