Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C04A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 24C04A
Description  The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24C04A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 24C04A Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 8Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 9Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 10Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 11Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 12Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 13Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 14Page - List of Unclassifed Manufacturers 24C04A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
24C04A, 24C08A, 24C16A
© 2009 Fremont Micro Devices Inc.
DS3001M-page11
ORDER INFORMATION(CONTINUED)
Order code
Vcc
Temperature
Range
Package
Option
Packaging
FT24C08A-UDG-B
Green Package
Tube
FT24C08A-UDR-B
DIP8
RoHS
Tube
FT24C08A-USG-B
Green Package
Tube
FT24C08A-USG-T
Green Package
T/R
FT24C08A-USR-B
RoHS
Tube
FT24C08A-USR-T
SOP8
RoHS
T/R
FT24C08A-UTG-B
Green Package
Tube
FT24C08A-UTG-T
Green Package
T/R
FT24C08A-UTR-B
RoHS
Tube
FT24C08A-UTR-T
TSSOP8
RoHS
T/R
FT24C08A-ULG-T
Green Package
T/R
FT24C08A-ULR-T
SOT23-5
RoHS
T/R
FT24C08A-UPG-T
Green Package
T/R
FT24C08A-UPR-T
TSOT23-5
RoHS
T/R
FT24C16A-UDG-B
Green Package
Tube
FT24C16A-UDR-B
DIP8
RoHS
Tube
FT24C16A-USG-B
Green Package
Tube
FT24C16A-USG-T
Green Package
T/R
FT24C16A-USR-B
RoHS
Tube
FT24C16A-USR-T
SOP8
RoHS
T/R
FT24C16A-UTG-B
Green Package
Tube
FT24C16A-UTG-T
Green Package
T/R
FT24C16A-UTR-B
RoHS
Tube
FT24C16A-UTR-T
TSSOP8
RoHS
T/R
FT24C16A-ULG-T
Green Package
T/R
FT24C16A-ULR-T
SOT23-5
RoHS
T/R
FT24C16A-UPG-T
Green Package
T/R
FT24C16A-UPR-T
1.8v-5.5v
-40-850C
TSOT23-5
RoHS
T/R


Similar Part No. - 24C04A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C04A MICROCHIP-24C04A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
logo
List of Unclassifed Man...
24C04A ETC2-24C04A Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
24C04A ETC2-24C04A Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Microchip Technology
24C04A-E/P MICROCHIP-24C04A-E/P Datasheet
122Kb / 14P
   4K 5.0V I 2 C ??Serial EEPROM
2004
More results

Similar Description - 24C04A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C02A ETC2-FT24C02A Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
   The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
Catalyst Semiconductor
CAT24FC02 CATALYST-CAT24FC02 Datasheet
448Kb / 10P
   The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
logo
List of Unclassifed Man...
TC57512AD-15 ETC1-TC57512AD-15 Datasheet
675Kb / 13P
   65,536 WORDS x 8 BITS CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Texas Instruments
JBP18S030 TI-JBP18S030 Datasheet
270Kb / 7P
[Old version datasheet]   256 BITS (32 WORDS BY 8 BITS) PROGRAMMABLE READ-ONLY MEMORIES
logo
Elpida Memory
EDE1104AASE ELPIDA-EDE1104AASE Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
logo
Renesas Technology Corp
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
   65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com