Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1029 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TJA1029
Description  LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1029 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TJA1029 Datasheet HTML 7Page - NXP Semiconductors TJA1029 Datasheet HTML 8Page - NXP Semiconductors TJA1029 Datasheet HTML 9Page - NXP Semiconductors TJA1029 Datasheet HTML 10Page - NXP Semiconductors TJA1029 Datasheet HTML 11Page - NXP Semiconductors TJA1029 Datasheet HTML 12Page - NXP Semiconductors TJA1029 Datasheet HTML 13Page - NXP Semiconductors TJA1029 Datasheet HTML 14Page - NXP Semiconductors TJA1029 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TJA1029
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 8 January 2013
11 of 24
NXP Semiconductors
TJA1029
LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
10. Static characteristics
Table 7.
Static characteristics
VBAT = 5 V to 18 V; Tvj = 40 C to +150 C; RL(LIN-VBAT) = 500 ; all voltages are referenced to pin GND; positive currents
flow into the IC; typical values are given at VBAT = 12 V; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VBAT
battery supply voltage
5
-
18
V
IBAT
battery supply current
Sleep mode; bus recessive;
VLIN =VBAT; VSLP_N =0V
2.5
7
10
A
Sleep mode; bus dominant;
VLIN = 0 V; VBAT = 12 V;
VSLP_N =0V
150
400
1200
A
Standby mode; bus recessive;
VLIN =VBAT; VSLP_N =0V
2.5
7
10
A
Standby mode; bus dominant;
VLIN = 0 V; VBAT = 12 V;
VSLP_N =0V
[2] 100
300
1000
A
Normal mode; bus recessive;
VLIN =VBAT; VSLP_N =5V;
VTXD =5V
200
800
1600
A
Normal mode; bus dominant;
VTXD =0V; VSLP_N =5V;
VBAT = 12 V
12
4
mA
Undervoltage reset
Vth(POR)L
LOW-level power-on reset
threshold voltage
power-on reset
1.6
3.1
3.9
V
Vth(POR)H
HIGH-level power-on reset
threshold voltage
2.3
3.4
4.3
V
Vhys(POR)
power-on reset hysteresis
voltage
[2] 0.05
0.3
1
V
Vth(VBATL)L
LOW-level VBAT LOW
threshold voltage
3.9
4.4
4.7
V
Vth(VBATL)H
HIGH-level VBAT LOW
threshold voltage
4.2
4.7
4.9
V
Vhys(VBATL)
VBAT LOW hysteresis
voltage
[2] 0.15
0.3
0.6
V
Pins TXD and SLP_N
VIH
HIGH-level input voltage
2
-
7
V
VIL
LOW-level input voltage
0.3
-
+0.8
V
Vhys
hysteresis voltage
[2] 50
200
400
mV
Rpd
pull-down resistance
on TXD
50
125
325
k
on SLP_N
100
250
650
k
Pin RXD (open-drain)
IOL
LOW-level output current
VRXD =0.4 V
2
-
-
mA
ILH
HIGH-level leakage
current
[2]
5-
+5
A


Similar Part No. - TJA1029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020 PHILIPS-TJA1020 Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
   Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
   ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
logo
Texas Instruments
TLIN1029A-Q1 TI-TLIN1029A-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN1029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
   LIN J2602 Transceiver
2010
logo
Texas Instruments
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com