Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD883B Datasheet(PDF) 6 Page - Analog Devices

Part # AD883B
Description  Real-Time Analog Computational Unit ACU
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 6 Page - Analog Devices

Back Button AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD538
–6–
REV. C
25k
25k
LOG
RATIO
100
25k
25k
ANTILOG
LOG
OUTPUT
100
AD538
INTERNAL
VOLTAGE
REFERENCE
I
VO
IZ
VZ
B
+10V
–VS
+VS
+2V
IY
A
D
IX
VX
C
PWR
GND
SIGNAL
GND
VY
118
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
9
Figure 9. Functional Block Diagram
FUNCTIONAL DESCRIPTION
As shown in Figures 9 and 10, the VZ and VX inputs connect
directly to the AD538’s input log ratio amplifiers. This subsec-
tion provides an output voltage proportional to the natural log
of input voltage VZ , minus the natural log of input voltage VX.
The output of the log ratio subsection at B can be expressed by
the transfer function:
V
B
=
kT
q
ln
V
Z
V
X


where k = 1.3806
× 10–23 J/K,
q = 1.60219
× 10–19 C,
T is in Kelvins.
The log ratio configuration may be used alone, if correctly tem-
perature compensated and scaled to the desired output level
(see Applications section).
Under normal operation, the log-ratio output will be directly
connected to a second functional block at input C, the antilog
subsection. This section performs the antilog according to the
transfer function:
V
O = VY e
VC
q
kT


As with the log-ratio circuit included in the AD538, the user
may use the antilog subsection by itself. When both subsections
are combined, the output at B is tied to C, the transfer function
of the AD538 computational unit is:
V
O = VY e
kT
q


q
kT


ln
VZ
VX


; V
B = VC
which reduces to:
VV
V
V
OY
Z
X
=


Finally, by increasing the gain, or attenuating the output of the
log ratio subsection via resistor programming, it is possible to
raise the quantity VZ/VX to the m
th power. Without external
programming, m is unity. Thus the overall AD538 transfer
function equals:
V
O = VY
V
Z
V
X


m
where 0.2 < m < 5.
When the AD538 is used as an analog divider, the VY input can
be used to multiply the ratio VZ /VX by a convenient scale factor.
The actual multiplication by the VY input signal is accomplished
by adding the log of the VY input signal to the signal at C, which
is already in the log domain.
INPUT FREQUENCY – Hz
150
100
10
1.0
0.1
1k
10k
100k
1M
100
VX = 10V
VY = 5V +5V SIN t VOLTS
VZ = 0V
Figure 7. VY Feedthrough vs. Frequency
DC OUTPUT VOLTAGE – Volts
100
0.01
10
1
0.10
0.01
0.1
1
10
FOR THE FREQUENCY RANGE OF 10Hz
TO 100kHz THE TOTAL RMS OUTPUT
NOISE, eo, FOR A GIVEN BANDWIDTH
Bw, IS CALCULATED eo = en Bw
VX = 10V
VX = 0.01V
Figure 8. 1 kHz Output Noise Spectral Density vs. DC Output
Voltage


Similar Part No. - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD883B AD-AD883B Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD883B AD-AD883B Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD883B AD-AD883B Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
AD883B AD-AD883B Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results

Similar Description - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
   Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538_15 Datasheet
547Kb / 17P
   Real-Time Analog Computational Unit
Rev. E
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com