Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2302N Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H2302N
Description  N-Channel Enhancement-Mode MOSFET (20V, 2.4A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H2302N Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H2302N Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H2302N Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H2302N Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H2302N Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200613
Issued Date : 2006.07.01
Revised Date : 2006.07.12
Page No. : 3/4
H2302N
HSMC Product Specification
SOT-23 Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
H
J
K
D
A
L
G
V
C
B
3
2
1
S
DIM
Min.
Max.
A
2.80
3.04
B
1.20
1.60
C
0.89
1.30
D
0.30
0.50
G
1.70
2.30
H
0.013
0.10
J
0.085
0.177
K
0.32
0.67
L
0.85
1.15
S
2.10
2.75
V
0.25
0.65
*: Typical, Unit: mm
Marking:
23
Pb Free Mark
Pb-Free: " " (Note)
Normal: None
02
Note: Pb-free product can distinguish by the
green label or the extra description on the
right side of the label.
Pin Style: 1.Gate 2.Source 3.Drain
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead SOT-23 Plastic
Surface Mounted Package
HSMC Package Code: N


Similar Part No. - H2302N

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2301N HSMC-H2301N Datasheet
93Kb / 4P
   P-Channel Enhancement-Mode MOSFET (-20V, -2.2A)
logo
Pulse A Technitrol Comp...
H2305FNL PULSE-H2305FNL Datasheet
469Kb / 3P
   MDL,DUAL,100P,1:1,SM,TU
logo
Hi-Sincerity Mocroelect...
H2305N HSMC-H2305N Datasheet
210Kb / 5P
   P-Channel Enhancement-Mode MOSFET (-20V, -4.5A)
logo
Pulse A Technitrol Comp...
H2305NL PULSE-H2305NL Datasheet
866Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
H2305NL PULSE-H2305NL Datasheet
969Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
More results

Similar Description - H2302N

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC732302 E-CMOS-EC732302 Datasheet
757Kb / 6P
   20V, 2.4A N-Channel MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com