Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18531Q5A Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD18531Q5A
Description  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5A Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD18531Q5A_12 Datasheet HTML 4Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 5Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 6Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 7Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 8Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 9Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 10Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 11Page - Texas Instruments CSD18531Q5A_12 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CSD18531Q5A
SLPS321B – JUNE 2012 – REVISED OCTOBER 2012
www.ti.com
REVISION HISTORY
Changes from Original (June 2012) to Revision A
Page
Added "Typical Values at 25°C unless otherwise stated" to the Product Summary table .................................................... 1
Changes from Revision A (June 2012) to Revision B
Page
Changed the Transconductance TYP value From: 177 S To: 128 S. .................................................................................. 2
Changed the Turn On and Turn Off Delay Time, Rise and Fall Time Test Conditions From: IDS = 22A, RG = 2Ω To:
IDS = 22A, RG = 0Ω ............................................................................................................................................................... 2
Changed the Qrr Reverse Recovery Charge TYP value From: 68 nC To: 100 nC .............................................................. 2
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD18531Q5A


Similar Part No. - CSD18531Q5A_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18531Q5A_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com