Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0315-1-00-34-00-00-03-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 0315-1-00-34-00-00-03-0
Description  APRINTED CIRCUIT PINS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

0315-1-00-34-00-00-03-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  0315-1-00-34-00-00-03-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
PRINTED CIRCUIT PINS
www.mill-max.com
 516-922-6000
181
340X-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
3406
550X-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
5503/5509
3409-X-00-XX-00-00-03-0
Press-fit in .057 mounting hole
3409
0315-X-00-XX-00-00-03-0
Press-fit in .057 mounting hole
Pin material is Ph Br 544 (B2)
0315
550X-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
5504/5505
5011-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
5011
5113-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
5113
SPECIFICATIONS
PIN MATERIAL:
Brass Alloy 360, 1/2 Hard
(Except where noted)
DIMENSION IN INCHES
TOLERANCES ON:
LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
Basic Part
Number
Pin
Length
A
3409-1
3409-2
.210
.420
Basic Part
Number
Standoff
Height
S
5504-0
5505-0
.331
.606
Basic Part
Number
Pin
Diameter
H
5503-0
5509-0
.025
.018
Basic Part
Number
Shoulder
Height
V
3406-0
.350
Basic
Part
Number
0315-0
0315-1
Head
Height
K
.030
.040
Stand-off
Height
S
.190
.430
ORDER CODE: XXXX - X - 00 - XX - 00 - 00 - 03 - 0
BASIC PART #
SPECIFY PIN FINISH:
01 200
μ" TIN/LEAD OVER NICKEL
 80 200
μ" TIN OVER NICKEL (RoHS)
 15 10
μ" GOLD OVER NICKEL (RoHS)
 21 20
μ" GOLD OVER NICKEL (RoHS)
 34 50
μ" GOLD OVER NICKEL (RoHS)
RoHS
2002/95/EC


Similar Part No. - 0315-1-00-34-00-00-03-0

ManufacturerPart #DatasheetDescription
logo
Lumberg
0315-1 LUMBERG-0315-1 Datasheet
413Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-1 LUMBERG-0315-1 Datasheet
718Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-1 LUMBERG-0315-1 Datasheet
520Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-1 LUMBERG-0315-1 Datasheet
533Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-1 LUMBERG-0315-1 Datasheet
478Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 0315-1-00-34-00-00-03-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
182N MILL-MAX-182N Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0272-0-01-34-00-00-03-0 MILL-MAX-0272-0-01-34-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
182M MILL-MAX-182M Datasheet
287Kb / 1P
   PRINTED CIRCUIT PINS
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
   PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
2956-0-00-XX-00-00-03-0 MILL-MAX-2956-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00 MILL-MAX-0700-0-00-15-00 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com