Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD16408Q5 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD16408Q5
Description  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16408Q5 Datasheet(HTML) 2 Page - Texas Instruments

  CSD16408Q5_11 Datasheet HTML 1Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 2Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 3Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 4Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 5Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 6Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 7Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 8Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CSD16408Q5
SLPS228A – OCTOBER 2009 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 mA
25
V
IDSS
Drain-to-source leakage
VGS = 0 V, VDS = 20 V
1
mA
IGSS
Gate-to-source leakage
VDS = 0 V, VGS = –12 V to 16 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 mA
1.4
1.8
2.1
V
VGS = 4.5 V, ID = 25 A
5.4
6.8
m
rDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 25 A
3.6
4.5
m
gfs
Transconductance
VDS = 15 V, ID = 25 A
60
S
Dynamic Characteristics
CISS
Input capacitance
990
1300
pF
COSS
Output capacitance
VGS = 0 V, VDS = 12.5 V , f = 1 MHz
760
1000
pF
CRSS
Reverse transfer capacitance
75
100
pF
Rg
Series gate resistance
0.8
1.6
Qg
Gate charge total (4.5 V)
6.7
8.9
nC
Qgd
Gate charge, gate-to-drain
1.9
nC
VDS = 12.5 V, ID = 25 A
Qgs
Gate charge, gate-to-source
3.1
nC
Qg(th)
Gate charge at Vth
1.8
nC
QOSS
Output charge
VDS = 13 V, VGS = 0 V
15.7
nC
td(on)
Turnon delay time
11.3
ns
tr
Rise time
25
ns
VDS = 12.5 V, VGS = 4.5 V,
ID = 20 A, RG = 2 Ω
td(off)
Turnoff delay time
11
ns
tf
Fall time
10.8
ns
Diode Characteristics
VSD
Diode forward voltage
IS = 25 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
VDD = 13 V, IF = 2 5A, di/dt = 300 A/ms
17
nC
trr
Reverse recovery time
VDD = 13 V, IF = 25 A, di/dt = 300 A/ms
21
ns
THERMAL CHARACTERISTICS
TA = 25°C unless otherwise stated
PARAMETER
MIN
TYP
MAX
UNIT
RqJC
Thermal Resistance Junction to Case(1)
1.9
°C/W
RqJA
Thermal Resistance Junction to Ambient(1) (2)
51
°C/W
(1)
RqJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RqJC is specified by design, whereas RqJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - CSD16408Q5_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5C TI-CSD16408Q5C Datasheet
177Kb / 10P
[Old version datasheet]   DualCool??N-Ch NexFET??Power MOSFET
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Similar Description - CSD16408Q5_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com