Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWU6616Q7 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # AWU6616Q7
Description  HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6616Q7 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button AWU6616Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 8Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 9Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 10Page - ANADIGICS, Inc AWU6616Q7 Datasheet HTML 11Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
warning
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
iMPOrTanT nOTiCE
anaDigiCS
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
Data Sheet - Rev 2.3
02/2012
11
AWU6616
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
AWU6616Q7
-30 °C to +90 °C
RoHS Compliant 14 Pin
3 mm x 5 mm x 1 mm
Surface Mount Module
Tape and Reel, 2500 pieces per Reel
AWU6616P9
-30 °C to +90 °C
RoHS Compliant 14 Pin
3 mm x 5 mm x 1 mm
Surface Mount Module
Partial Tape and Reel


Similar Part No. - AWU6616Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6615RM47P9 ANADIGICS-AWU6615RM47P9 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6615RM47Q7 ANADIGICS-AWU6615RM47Q7 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
AWU6618RM47P9 ANADIGICS-AWU6618RM47P9 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWU6616Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com