Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWU6615RM47P9 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWU6615RM47P9
Description  HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6615RM47P9 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWU6615RM47P9 Datasheet HTML 1Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 2Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 3Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 4Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 5Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 6Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 7Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 8Page - ANADIGICS, Inc AWU6615RM47P9 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Data Sheet - Rev 2.6
02/2012
AWU6615
Table 1: Pin Description
Figure 2: Pinout
PIN
NAME
DESCRIPTION
1
VEN_CELL
Enable Voltage for Cell Band
2
RFIN_CELL RF Input for Cell Band
3
VMODE1
Mode Control Voltage for Cell
and PCS Bands
4
VBATT
Battery Voltage
5
VMODE2
Mode Control Voltage for Cell
6
RFIN_PCS RF Input for PCS Band
7
VEN_PCS
Enable Voltage for PCS Band
8
RFOUT_PCS RF Output for PCS Band
9
GND
Ground
10
CPLOUT
Coupler Output Port
11
VCCA
Battery Voltage A
12
VCC
Supply Voltage
13
RFOUT_CELL RF Output for Cell Band
14
GND
Ground
VMODE1
VMODE2
CPLOUT


Similar Part No. - AWU6615RM47P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6616 ANADIGICS-AWU6616 Datasheet
716Kb / 11P
   HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
AWU6616P9 ANADIGICS-AWU6616P9 Datasheet
716Kb / 11P
   HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
AWU6616Q7 ANADIGICS-AWU6616Q7 Datasheet
716Kb / 11P
   HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
AWU6618RM47P9 ANADIGICS-AWU6618RM47P9 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWU6615RM47P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWU6616 ANADIGICS-AWU6616 Datasheet
716Kb / 11P
   HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
AWT6276 ANADIGICS-AWT6276 Datasheet
432Kb / 8P
   HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
   HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com