Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD534KH Datasheet(PDF) 4 Page - Analog Devices

Part # AD534KH
Description  Internally Trimmed Precision IC Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534KH Datasheet(HTML) 4 Page - Analog Devices

  AD534KH Datasheet HTML 1Page - Analog Devices AD534KH Datasheet HTML 2Page - Analog Devices AD534KH Datasheet HTML 3Page - Analog Devices AD534KH Datasheet HTML 4Page - Analog Devices AD534KH Datasheet HTML 5Page - Analog Devices AD534KH Datasheet HTML 6Page - Analog Devices AD534KH Datasheet HTML 7Page - Analog Devices AD534KH Datasheet HTML 8Page - Analog Devices AD534KH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD534
–4–
REV. B
ABSOLUTE MAXIMUM RATINGS
AD534J, K, L
AD534S, T
Supply Voltage
±18 V
±22 V
Internal Power Dissipation
500 mW
*
Output Short-Circuit to Ground
Indefinite
*
Input Voltages, X1 X2 Y1 Y2 Z1 Z2
±V
S
*
Rated Operating Temperature Range
0
°C to +70°C
–55
°C to
+125
°C
Storage Temperature Range
–65
°C to +150°C*
Lead Temperature Range, 60 s Soldering
+300
°C*
*Same as AD534J Specs.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD534JD
0
°C to +70°C
Side Brazed DIP
D-14
AD534KD
0
°C to +70°C
Side Brazed DIP
D-14
AD534LD
0
°C to +70°C
Side Brazed DIP
D-14
AD534JH
0
°C to +70°C
Header
H-10A
AD534JH/+
0
°C to +70°C
Header
H-10A
AD534KH
0
°C to +70°C
Header
H-10A
AD534KH/+
0
°C to +70°C
Header
H-10A
AD534LH
0
°C to +70°C
Header
H-10A
AD534K Chip
0
°C to +70°C
Chip
AD534SD
–55
°C to +125°C
Side Brazed DIP
D-14
AD534SD/883B
–55
°C to +125°C
Side Brazed DIP
D-14
AD534TD
–55
°C to +125°C
Side Brazed DIP
D-14
AD534TD/883B
–55
°C to +125°C
Side Brazed DIP
D-14
JM38510/13902BCA
–55
°C to +125°C
Side Brazed DIP
D-14
JM38510/13901BCA
–55
°C to +125°C
Side Brazed DIP
D-14
AD534SE
–55
°C to +125°C
LCC
E-20A
AD534SE/883B
–55
°C to +125°C
LCC
E-20A
AD534TE/883B
–55
°C to +125°C
LCC
E-20A
AD534SH
–55
°C to +125°C
Header
H-10A
AD534SH/883B
–55
°C to +125°C
Header
H-10A
AD534TH
–55
°C to +125°C
Header
H-10A
AD534TH/883B
–55
°C to +125°C
Header
H-10A
JM38510/13902BIA
–55
°C to +125°C
Header
H-10A
JM38510/13901BIA
–55
°C to +125°C
Header
H-10A
AD534S Chip
–55
°C to +125°C
Chip
AD534T Chip
–55
°C to +125°C
Chip
The
rmal Characteristics
Thermal Resistance
θ
JC = 25
°C/W for H-10A
θ
JA = 150
°C/W for H-10A
θ
JC = 25
°C/W for D-14 or E-20A
θ
JA = 95
°C/W for D-14 or E-20A
X1
+VS
OUT
Y2
–VS
Z 2
Y1
SF
X2
Z 1
THE AD534 IS AVAILABLE IN LASER - TRIMMED CHIP FORM
0.076
(1.93)
0.100 (2.54)
CHIP DIMENSIONS AND BONDING DIAGRAM
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
470k
50k
1k
TO APPROPRIATE
INPUT TERMINAL
+VS
–VS
Figure 1. Optional Trimming Configuration
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD534 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD534KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534KH AD-AD534KH Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534KHZ AD-AD534KHZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
More results

Similar Description - AD534KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com