Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD534KH Datasheet(PDF) 5 Page - Analog Devices

Part # AD534KH
Description  Internally Trimmed Precision IC Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534KH Datasheet(HTML) 5 Page - Analog Devices

  AD534KH Datasheet HTML 1Page - Analog Devices AD534KH Datasheet HTML 2Page - Analog Devices AD534KH Datasheet HTML 3Page - Analog Devices AD534KH Datasheet HTML 4Page - Analog Devices AD534KH Datasheet HTML 5Page - Analog Devices AD534KH Datasheet HTML 6Page - Analog Devices AD534KH Datasheet HTML 7Page - Analog Devices AD534KH Datasheet HTML 8Page - Analog Devices AD534KH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD534
REV. B
–5–
FUNCTIONAL DESCRIPTION
Figure 2 is a functional block diagram of the AD534. Inputs are
converted to differential currents by three identical voltage-to-
current converters, each trimmed for zero offset. The product
of the X and Y currents is generated by a multiplier cell using
Gilbert’s translinear technique. An on-chip “Buried Zener”
provides a highly stable reference, which is laser trimmed to
provide an overall scale factor of 10 V. The difference between
XY/SF and Z is then applied to the high gain output amplifier.
This permits various closed loop configurations and dramati-
cally reduces nonlinearities due to the input amplifiers, a domi-
nant source of distortion in earlier designs. The effectiveness of
the new scheme can be judged from the fact that under typical
conditions as a multiplier the nonlinearity on the Y input, with
X at full scale (
±10 V), is ±0.005% of FS; even at its worst
point, which occurs when X =
±6.4 V, it is typically only
±0.05% of FS Nonlinearity for signals applied to the X input,
on the other hand, is determined almost entirely by the multi-
plier element and is parabolic in form. This error is a major
factor in determining the overall accuracy of the unit and hence
is closely related to the device grade.
V-1
X1
X2
V-1
Y1
Y2
V-1
Z1
Z2
SF
AD534
+VS
–VS
A
OUT
TRANSFER FUNCTION
VO = A
– (Z1 – Z2)
(X1 – X2) (Y1 – Y2)
SF
HIGH GAIN
OUTPUT
AMPLIFIER
+
+
+
STABLE
REFERENCE
AND BIAS
TRANSLINEAR
MULTIPLIER
ELEMENT
0.75 ATTEN
Figure 2. Functional Block Diagram
The generalized transfer function for the AD534 is given by:
VOUT = A
( X1 − X2 )(Y1 − Y2 )
SF
− (Z
1 − Z2 )


where A = open loop gain of output amplifier, typically
70 dB at dc
X, Y, Z = input voltages (full scale =
±SF, peak =
±1.25 SF)
SF = scale factor, pretrimmed to 10.00 V but adjustable
by the user down to 3 V.
In most cases the open loop gain can be regarded as infinite,
and SF will be 10 V. The operation performed by the AD534,
can then be described in terms of equation:
( X1 − X2 )(Y1 − Y2 ) = 10 V ( Z1 − Z2 )
The user may adjust SF for values between 10.00 V and 3 V by
connecting an external resistor in series with a potentiometer
between SF and –VS. The approximate value of the total resis-
tance for a given value of SF is given by the relationship:
RSF = 5.4K
SF
10
− SF
Due to device tolerances, allowance should be made to vary RSF;
by
±25% using the potentiometer. Considerable reduction in
bias currents, noise and drift can be achieved by decreasing SF.
This has the overall effect of increasing signal gain without the
customary increase in noise. Note that the peak input signal is
always limited to 1.25 SF (i.e.,
±5 V for SF = 4 V) so the overall
transfer function will show a maximum gain of 1.25. The per-
formance with small input signals, however, is improved by
using a lower SF since the dynamic range of the inputs is now
fully utilized. Bandwidth is unaffected by the use of this option.
Supply voltages of
±15 V are generally assumed. However,
satisfactory operation is possible down to
±8 V (see Figure 16).
Since all inputs maintain a constant peak input capability of
±1.25 SF some feedback attenuation will be necessary to
achieve output voltage swings in excess of
±12 V when using
higher supply voltages.
OPERATION AS A MULTIPLIER
Figure 3 shows the basic connection for multiplication. Note
that the circuit will meet all specifications without trimming.
X1
X2
Y1
Y2
Z1
Z2
AD534
=
+ Z2
(X1 – X2) (Y1 – Y2)
10V
OUTPUT ,
12V PK
X INPUT
10V FS
12V PK
Y INPUT
10V FS
12V PK
+15V
OUT
–VS
+VS
–15V
OPTIONAL SUMMING
INPUT, Z,
10V PK
SF
Figure 3. Basic Multiplier Connection
In some cases the user may wish to reduce ac feedthrough to a
minimum (as in a suppressed carrier modulator) by applying an
external trim voltage (
±30 mV range required) to the X or Y
input (see Figure 1). Figure 19 shows the typical ac feedthrough
with this adjustment mode. Note that the Y input is a factor of
10 lower than the X input and should be used in applications
where null suppression is critical.
The high impedance Z2 terminal of the AD534 may be used to
sum an additional signal into the output. In this mode the out-
put amplifier behaves as a voltage follower with a 1 MHz small
signal bandwidth and a 20 V/
µs slew rate. This terminal should
always be referenced to the ground point of the driven system,
particularly if this is remote. Likewise, the differential inputs
should be referenced to their respective ground potentials to
realize the full accuracy of the AD534.


Similar Part No. - AD534KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534KH AD-AD534KH Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534KHZ AD-AD534KHZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
More results

Similar Description - AD534KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com