Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6638 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6638
Description  HELP3DC (Band 8) LTE/WCDMA Linear PA Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6638 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6638 Datasheet HTML 1Page - ANADIGICS, Inc AWT6638 Datasheet HTML 2Page - ANADIGICS, Inc AWT6638 Datasheet HTML 3Page - ANADIGICS, Inc AWT6638 Datasheet HTML 4Page - ANADIGICS, Inc AWT6638 Datasheet HTML 5Page - ANADIGICS, Inc AWT6638 Datasheet HTML 6Page - ANADIGICS, Inc AWT6638 Datasheet HTML 7Page - ANADIGICS, Inc AWT6638 Datasheet HTML 8Page - ANADIGICS, Inc AWT6638 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.3
02/2012
AWT6638
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
VBATT
RFIN
VMODE2 (N/C)
VMODE1
VEN
1
2
3
4
56
7
8
9
10
CPLOUT
GND
CPLIN
RFOUT
VCC
1
2
3
4
56
7
8
9
10
PIN
NAME
DESCRIPTION
1
VBATT
Battery Voltage
2
RFIN
RFInput
3
VMODE2 (N/C) No Connection
4
VMODE1
Mode Control Voltage 1
5
VEN
PA Enable Voltage
6
CPLOUT
Coupler Output
7
GND
Ground
8
CPLIN
Coupler Input
9
RFOUT
RFOutput
10
VCC
Supply Voltage


Similar Part No. - AWT6638

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631P9 ANADIGICS-AWT6631P9 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631Q7 ANADIGICS-AWT6631Q7 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6632P9 ANADIGICS-AWT6632P9 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
More results

Similar Description - AWT6638

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
   HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
   HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
logo
RF Micro Devices
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
   3V WCDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7411 QORVO-RF7411 Datasheet
573Kb / 7P
   3V WCDMA BAND 1 LINEAR PA MODULE
logo
RF Micro Devices
RF7411 RFMD-RF7411 Datasheet
573Kb / 7P
   3V WCDMA BAND 1 LINEAR PA MODULE
logo
ANADIGICS, Inc
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
   HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
logo
RF Micro Devices
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com