Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6634P9 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6634P9
Description  HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6634P9 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6634P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6634P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
DATA SHEET - Rev 2.1
02/2012
AWT6634
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
overtheconditionsdefinedintheelectricalspecifications.
Notes:
(1) For operation at Vcc = +3.1 V, Pout is derated by 0.8 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Battery Voltage (VBATT)
0
+6
V
ControlVoltages(VMODE1, VENABLE)
0
+3.5
V
RFInputPower(PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)1710-
1785
MHz
Supply Voltage (VCC)+0.5+3.4+4.35
VPOUT ≤ +28.25 dBm
Battery Voltage (VBATT)+3.1+3.4+4.35
VPOUT ≤ +28.25 dBm
Enable Voltage (VENABLE)
+1.35
0
+1.8
0
+3.1
+0.5
V
PA "on"
PA "shut down"
Mode Control Voltage (VMODE1)
+1.35
0
+1.8
0
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
RF Output Power (POUT)
R99 WCDMA, HPM
HSPA (MPR=0), HPM
LTE, HPM
R99 WCDMA, LPM
HSPA (MPR=0), LPM
LTE, LPM
27.45(1)
26.45(1)
26.45(1)
16.2(1)
15.2(1)
15.2(1)
28.25
27.25
27.25
17
16
16
28.25
27.25
27.25
17
16
16
dBm
3GPP TS 34.121-1, Rel 8
Table C.11.1.3 for WCDMA
SUBTEST 1
TS 36.101 Rel 8 LTE
CDMA Output Power
HPM
LPM
26.7(1)
15.2(1)
27.5
16.0
-
-
dBmCDMA2000, RC-1
Case Temperature (TC)-30
-+90
°C


Similar Part No. - AWT6634P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631P9 ANADIGICS-AWT6631P9 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631Q7 ANADIGICS-AWT6631Q7 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6632P9 ANADIGICS-AWT6632P9 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
More results

Similar Description - AWT6634P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
   HELP3DC (Band 8) LTE/WCDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
   HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6624 ANADIGICS-AWT6624 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
ALT6704 ANADIGICS-ALT6704 Datasheet
725Kb / 12P
   HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
logo
RF Micro Devices
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
   3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
ANADIGICS, Inc
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com