Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6622RM45P9 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AWT6622RM45P9
Description  HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6622RM45P9 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button AWT6622RM45P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 9Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 10Page - ANADIGICS, Inc AWT6622RM45P9 Datasheet HTML 11Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Data Sheet - Rev 2.4
01/2012
AWT6622
Figure 10: M45 Package Outline - 10 Pin 3 mm x 3 mm x 1 mm Surface Mount Module
Figure11:BrandingSpecification-M45Package
PACKAGE OUTLINE
Part Number
Pin 1 Identifier
Country Code (CC)
Date Code (YYWW)
6622R
CC
LLLLNN LotNumber
YYWW


Similar Part No. - AWT6622RM45P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6624 ANADIGICS-AWT6624 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6624RM45P9 ANADIGICS-AWT6624RM45P9 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6624RM45Q7 ANADIGICS-AWT6624RM45Q7 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6625ARM45P9 ANADIGICS-AWT6625ARM45P9 Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
More results

Similar Description - AWT6622RM45P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6628A ANADIGICS-AWT6628A Datasheet
548Kb / 10P
   HELP4 UMTS900 (Band 8) WCDMA Linear PAM
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
   HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
ALT6704 ANADIGICS-ALT6704 Datasheet
725Kb / 12P
   HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
   HELP4 E800 (Band 20) LTE Linear PAM
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
ALT6705 ANADIGICS-ALT6705 Datasheet
696Kb / 12P
   HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com