Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6622 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6622
Description  HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6622 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWT6622 Datasheet HTML 2Page - ANADIGICS, Inc AWT6622 Datasheet HTML 3Page - ANADIGICS, Inc AWT6622 Datasheet HTML 4Page - ANADIGICS, Inc AWT6622 Datasheet HTML 5Page - ANADIGICS, Inc AWT6622 Datasheet HTML 6Page - ANADIGICS, Inc AWT6622 Datasheet HTML 7Page - ANADIGICS, Inc AWT6622 Datasheet HTML 8Page - ANADIGICS, Inc AWT6622 Datasheet HTML 9Page - ANADIGICS, Inc AWT6622 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Data Sheet - Rev 2.4
01/2012
AWT6622
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on theANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
Thepoweramplifiermaybeplacedinashutdownmode
byapplyinglogiclowlevels(seeOperatingRanges
table)totheVEN, VMODE1 and VMODE2 voltages.
Bias Modes
The power amplifier may be placed in either Low,
Medium or High Bias modes by applying the
appropriatelogiclevel(seeOperatingRangestable)
Table 6: Bias Control
to the VMODEvoltages.TheBiasControltablebelow
liststherecommendedmodesofoperationforvarious
applications.
Threeoperatingmodesarerecommendedtooptimize
currentconsumption.HighBias/HighPoweroperating
mode is for POUT levels > 17 dBm. At ~17dBm - 7
dBm,thePAshouldbe“ModeSwitched”toMedium
PowerMode.ForPOUTlevels<~8dBm,thePAcanbe
switchedtoLowPowerModeforevenlowerquiescent
currentconsumption.
Figure 3: Evaluation Board Schematic
C4
2.2 µF ceramic
RFIN
1
6
7
10
8
5
4
3
VBATT
VMODE1
RFOUT
RFIN
GND
VCC
VEN
CPLOUT
VCC
C1
0.1 µF
VBATT
VMODE0
VEN
CPLIN
VMODE1
29
VMODE2
C5
2.2 µF
C2
0.1 µF
GND at slug
CPLIN
C6
33 pF
CPLOUT
RFOUT
C3
33 pF
APPLICATION
POUT
LEVELS
(Rel.99)
BIAS
MODE
VEN
VMODE1
VMODE2
VCC
VBATT
Lowpower
(LowBiasMode)
< +8 dBm
Low
+1.8 V
+1.8 V
+1.8 V
3.2-4.2V
>3.2V
Medpower
(MediumBiasMode)
> 7 dBm
< +17 dBm
Low
+1.8 V
+1.8 V
0 V
3.2-4.2V
>3.2V
Highpower
(HighBiasMode)
> +17 dBm
High
+1.8 V
0 V
0 V
3.2-4.2V
>3.2V
Shutdown
-
Shutdown
0 V
0 V
0 V
3.2-4.2V
>3.2V


Similar Part No. - AWT6622

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6624 ANADIGICS-AWT6624 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6624RM45P9 ANADIGICS-AWT6624RM45P9 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6624RM45Q7 ANADIGICS-AWT6624RM45Q7 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6625ARM45P9 ANADIGICS-AWT6625ARM45P9 Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
More results

Similar Description - AWT6622

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6628A ANADIGICS-AWT6628A Datasheet
548Kb / 10P
   HELP4 UMTS900 (Band 8) WCDMA Linear PAM
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
   HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
ALT6704 ANADIGICS-ALT6704 Datasheet
725Kb / 12P
   HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
   HELP4 E800 (Band 20) LTE Linear PAM
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
ALT6705 ANADIGICS-ALT6705 Datasheet
696Kb / 12P
   HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com