Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6283RM49P8 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWT6283RM49P8
Description  3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6283RM49P8 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWT6283RM49P8 Datasheet HTML 1Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 2Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 3Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 4Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 5Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 8Page - ANADIGICS, Inc AWT6283RM49P8 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Data Sheet - Rev 2.3
12/2012
AWT6283R
Notes:
(1) Spectrum Mask and Efficiency measured at 3600 MHz.
(2) POUT = +25 dBm
Table 5: Electrical Specifications - 16 QAM PUSC Zone
(TC = +25 °C, VCC = +3.3 V, VENB = +2.9 V, 50 Ω system)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain (2)
-31-
dB
Attenuation
-20-
dB
VATTN = 2.5 V
SEM (1), (2)
@ OFFSET A
@ OFFSET B
@ OFFSET C
@ OFFSET D
-
-
-
-
-
-
-
-
-51.37
-40.5
-50.5
-50.5
dBc
10 MHz channel bandwidth
WiMAX Forum Band Class 5C
MRRT
Power-Added Efficiency (1), (2)
-21.8-
%
Supply Current (ICC) (2)
-
440
-mA
EVM (2)
-2.5
-%
Power Detector Output
@ 25 dBm-
1.3-
VRL (Load Resistor) = 100K Ω
Quiescent Current (Icq)
-
145
-mA
PA Enable Current
-3.5
-mAthrough VENB pin
Leakage Current
-20-
µA
VCC = +3.3 V, VENB = 0 V
Harmonics (2)
2fo
3fo,4fo
-
-
-42
-58
-
-
dBc
Input Impedance
-2:1
-VSWR
Spurious Output Level
(all spurious outputs)
--
-60dBc
POUT < +25 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all voltage and
temperature operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1-
-VSWR
VCC = +4 V, PIN = 0 dBm
Applies over full operating
temperature range
Thermal Resistance (RJC)
--
24
°C/W


Similar Part No. - AWT6283RM49P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280RM11P8 ANADIGICS-AWT6280RM11P8 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280RM11P9 ANADIGICS-AWT6280RM11P9 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
AWT6281RM20P8 ANADIGICS-AWT6281RM20P8 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
More results

Similar Description - AWT6283RM49P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
TriQuint Semiconductor
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
   2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com