Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6221R Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWT6221R
Description  HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6221R Datasheet(HTML) 7 Page - ANADIGICS, Inc

  AWT6221R_10 Datasheet HTML 1Page - ANADIGICS, Inc AWT6221R_10 Datasheet HTML 2Page - ANADIGICS, Inc AWT6221R_10 Datasheet HTML 3Page - ANADIGICS, Inc AWT6221R_10 Datasheet HTML 4Page - ANADIGICS, Inc AWT6221R_10 Datasheet HTML 5Page - ANADIGICS, Inc AWT6221R_10 Datasheet HTML 6Page - ANADIGICS, Inc AWT6221R_10 Datasheet HTML 7Page - ANADIGICS, Inc AWT6221R_10 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet - Rev 2.4
08/2010
AWT6221R
7
PACKAGE OUTLINE
Figure 4: Package Outline - 14 Pin 3 mm x 5 mm x 1 mm Surface Mount Module
Figure 5: Branding Specification
6221R
LLLLNN
087CC
YYWW
LLLL
087
7. YEAR AND WORK WEEK YY = Year, WW = Work Week
8


Similar Part No. - AWT6221R_10

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28Q7 ANADIGICS-AWT6221RM28Q7 Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
More results

Similar Description - AWT6221R_10

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6224R ANADIGICS-AWT6224R Datasheet
378Kb / 8P
   HELP3TM Dual-band 900 MHz/IMT UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com