Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWL6951RM22P8 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AWL6951RM22P8
Description  2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6951RM22P8 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button AWL6951RM22P8 Datasheet HTML 5Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 6Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 7Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 8Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 9Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 10Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 11Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 12Page - ANADIGICS, Inc AWL6951RM22P8 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet - Rev 2.1
09/2007
AWL6951
9
Figure 8: Detector Voltage vs. Output Power
Across Frequency (TC = 25oC, VCC = +3.3 V)
802.11g 54 Mbps OFDM
Figure 9: Detector Voltage vs. Output Power
Across Temperature (Frequency = 2.45 GHz,
VCC = +3.3 V) 802.11g 54 Mbps OFDM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Det. Volt. 2.40GHz
Det. Volt. 2.45GHz
Det. Volt. 2.50GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Det. Volt. -40C
Det. Volt. 25C
Det. Volt. 85C


Similar Part No. - AWL6951RM22P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950RM21P0 ANADIGICS-AWL6950RM21P0 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950RM21P6 ANADIGICS-AWL6950RM21P6 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950RM21P8 ANADIGICS-AWL6950RM21P8 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results

Similar Description - AWL6951RM22P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
   M9077A WLAN 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com