Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD53509 Datasheet(PDF) 4 Page - Analog Devices

Part # AD53509
Description  High-Performance Driver/Comparator Active Load on a Single Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509 Datasheet(HTML) 4 Page - Analog Devices

  AD53509 Datasheet HTML 1Page - Analog Devices AD53509 Datasheet HTML 2Page - Analog Devices AD53509 Datasheet HTML 3Page - Analog Devices AD53509 Datasheet HTML 4Page - Analog Devices AD53509 Datasheet HTML 5Page - Analog Devices AD53509 Datasheet HTML 6Page - Analog Devices AD53509 Datasheet HTML 7Page - Analog Devices AD53509 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
–4–
REV. A
AD53509–SPECIFICATIONS
ACTIVE LOAD SPECIFICATIONS
(All specifications are at TJ = 85 C
5 C, +VS = 11 V
3%, –VS = –6 V =
3% unless otherwise noted. All temperature coefficients are
measured at TJ = 75 C to 95 C.)
Parameter
Min
Typ
Max
Unit
Test Conditions
INPUT CHARACTERISTICS
INHL,
INHL
Input Voltage
–2
+3
V
IOHC = 1 V, IOLC = 1 V, VCOM = 2 V, OUT_L = 0 V
Bias Current
–250
250
µA
INHL,
INHL = –2 V, +3 V
IOHC Current Program Range
IOH = 0 mA to –40 mA
0
4
V
OUT_L = –0.7 V, +7 V
IOLC Current Program Range
IOL = 0 mA to +40 mA
0
4
V
OUT_L = –2 V, +5.7 V
IOHC, IOLC Input Bias Current
–300
+300
µA
IOLC = 0 V, 4.0 V and IOHC = 0 V, 4.0 V
IOLRTN, IOHRTN Range
–2
+7
V
IOL = +40 mA, IOH = –40 mA, OUT_L = –2 V, +7 V
VDUT Range
–2
+7
V
IOL = +40 mA, IOH = –40 mA, IOUT_L–VCOMI >1.3 V
VDUT Range, IOH = 0 mA to –40 mA
–0.7
+7
V
OUT_L –VCOM > 1.3 V
VDUT Range, IOL = 0 mA to +40 mA
–2
+5.7
V
VCOM–VDUT > 1.3 V
VCOMI Input Range
–2
+7
V
IOL = +40 mA, IOH = –40 mA
OUTPUT CHARACTERISTICS
Accuracy
Absolute Accuracy Error, Load Current
–0.3 – 100
+0.3 + 100
% ISET +
µA IOL, IOH = 25 µA–40 mA, VCOM = 0 V, OUT_L = ±2 V and
IOL = 25
µA–40 mA, VCOM = +7 V, OUT_L = +5.7 V and
IOH = 25
µA–40 mA, VCOM = –2 V, OUT_L = –0.7 V
VCOM Buffer
Offset Error
–50
+50
mV
IOL, IOH = 40 mA, VCOMI = 0 V, OUT_L = VCOM
Bias Current
–10
+1
+10
µA
VCOMI = 0 V, OUT_L = VCOM
Gain Error
–0.2
+0.2
%
IOL, IOH = 40 mA, VCOMI = –1 V to +6 V,
VOUT = VCOM
Linearity Error
–10
+10
mV
IOL, IOH = 40 mA, VCOMI = –1 V to +6 V,
VOUT = VCOM
Output Current TC
<
±2
µA/°C
Measured at IOH, IOL = 200
µA
DYNAMIC PERFORMANCE
Propagation Delay
±I
OUT to Inhibit
1.9
ns
VCOM =
±2 V, IOL = +20 mA, IOH = –20 mA
Inhibit to
±IOUT
2.8
ns
VCOM =
±2 V, IOL = +20 mA, IOH = 20 mA
Propagation Delay Matching
<1.8
ns
I/O Spike
240
mV
VCOM = 0 V, IOL = +20 mA, IOH = –20 mA
Settling Time to 15 mV
<50
ns
IOL = +20 mA, IOH = –20 mA, 50
Ω Load, to 15 mV
Settling Time to 4 mV
<10
µs
IOL = +20 mA, IOH = –20 mA, 50
Ω Load, to 4 mV
Specifications subject to change without notice.


Similar Part No. - AD53509

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53509G AD-AD53509G Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509JSW AD-AD53509JSW Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509JSWZ AD-AD53509JSWZ Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
More results

Similar Description - AD53509

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53509G AD-AD53509G Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53032 AD-AD53032 Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com