Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD53509 Datasheet(PDF) 3 Page - Analog Devices

Part # AD53509
Description  High-Performance Driver/Comparator Active Load on a Single Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509 Datasheet(HTML) 3 Page - Analog Devices

  AD53509 Datasheet HTML 1Page - Analog Devices AD53509 Datasheet HTML 2Page - Analog Devices AD53509 Datasheet HTML 3Page - Analog Devices AD53509 Datasheet HTML 4Page - Analog Devices AD53509 Datasheet HTML 5Page - Analog Devices AD53509 Datasheet HTML 6Page - Analog Devices AD53509 Datasheet HTML 7Page - Analog Devices AD53509 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. A
AD53509
Parameter
Min
Typ
Max
Unit
Test Conditions
Delay Change vs. Pulsewidth
50
ps
VL = 0 V, VH = 2 V, Pulsewidth = 2.5 ns/7.5 ns, 30 ns/90 ns
Minimum Pulsewidth
3 V Swing
1.4
ns
VL = 0 V, VH = 3 V, 90% (2.7 V) Reached, Measure @ 50%
5 V Swing
2.0
ns
VL = 0 V, VH = 5 V, 90% (4.5 V) Reached, Measure @ 50%
Toggle Rate
250
MHz
VL = 0 V, VH = 5 V, VDUT > 3.0 V p-p
DYNAMIC PERFORMANCE, INHIBIT
Delay Time, Active to Inhibit
3.3
ns
Measured at 50%, VH = +2 V, VL = –2 V, VT = 0 V
Delay Time, Inhibit to Active
2.9
ns
Measured at 50%, VH = +2 V, VL = –2 V, VT = 0 V
Delay Time Matching (Z)
<2
ns
Z = Delay Time Active to Inhibit Test (Above)—
Delay Time Inhibit to Active Test (Above)
(Of Worst Two Edges)
I/O Spike
150
mV, p-p
VH = 0 V, VL = 0 V, VT = 0 V
Rise, Fall Time, Active to Inhibit
1.6
ns
VH = +2 V, VL = –2 V (Measured 20%/80% of 1 V Output)
Rise, Fall Time, Inhibit to Active
1.4
ns
VH = +2 V, VL = –2 V (Measured 20%/80% of 1 V Output)
DYNAMIC PERFORMANCE , VTERM
Delay Time, VH to VTERM, VL to VTERM
2.5
ns
Measured at 50%, VL = –1 V, VH = +1 V, VTERM = 0 V
Delay Time, VTERM to VH and VTERM to VL
2.5
ns
Measured at 50%, VL = VH = +0.4 V, VTERM = –0.4 V
Overshoot and Preshoot
<3.0 + 75
% of Step + mV
VH/VL, VTERM = (0 V, –1 V), (0 V, –2.0 V),
(0 V, 6.0 V)
VTERM Mode Rise Time
2.2
ns
VL = –2 V, VH = +2 V, VTERM = 0 V, 20%–80%
VTERM Mode Fall Time
2.2
ns
VL = –2 V, VH = +2 V, VTERM = 0 V, 20%–80%
PSRR, DRIVE or TERM Mode
35
dB
VS = VS
± 3%
Specifications subject to change without notice.
COMPARATOR SPECIFICATIONS
(All specifications are at TJ = 85 C
5 C. [Outputs terminated in 150
to GND, +VS = 11 V
3% –VS = 6 V
3%, VCCO = 3.3 V unless
otherwise specified.] All temperatures coefficients are measured at TJ = 75 C to 95 C.)
Parameter
Min
Typ
Max
Unit
Test Conditions
DC INPUT CHARACTERISTICS
Offset Voltage (VOS)
–25
+25
mV
CMV = 0 V
Offset Voltage (Drift)
50
µV/°C
CMV = 0 V
HCOMP, LCOMP Bias Current
–50
+50
µAVIN = 0 V
Voltage Range (VCM)
–2
+7.0
V
Differential Voltage (VDIFF)
9.0
V
Gain and Linearity
–0.05
+0.05
% FSR
VIN = –2 V to +7 V (9 V FSR)
LATCH ENABLE INPUTS
Logic “1” Current (IIH)
250
µA
LEA,
LEA, LEB, LEB = +3 V
Logic “0” Current (IIL)
–250
µA
LEA,
LEA, LEB, LEB = –2 V
Logic Input Range
–2
+3
V
DIGITAL OUTPUTS
Logic “1” Voltage (VOH)
VCCO – 0.98
V
Q or
Q, 16.7 mA Load
Logic “0” Voltage (VOL)
VCCO – 1.5
V
Q or
Q, 10 mA Load
Slew Rate
1
V/ns
VCCO Range
0
8
V
SWITCHING PERFORMANCE
Propagation Delay
Input to Output
1.8
ns
VIN = 2 V p-p,
Latch Enable to Output
2
ns
HCOMP = 1 V, LCOMP = 1 V
Propagation Delay Temperature Coefficient
2
ps/
°C
Propagation Delay Change with Respect to
Slew Rate: 0.5 V, 1.0 V, 3.0 V/ns
<
± 100
ps
VIN = 0 V to 5 V
Slew Rate: 5.0 V/ns
<
± 350
ps
VIN = 0 V to 5 V
Amplitude: 1.0 V, 3.0 V, 5.0 V
<
± 200
ps
VIN = 1.0 V/ns
Equivalent Input Rise Time
450
ps
VIN = 0 V to 3 V, 3 V/ns
Pulsewidth Linearity
<
± 200
ps
VIN = 0 V to 3 V, 3 V/ns, PW = 3 ns–8 ns
Settling Time
25
ns
Settling to
±8 mV, VIN = 1 V to 0 V
Latch Timing
Input Pulsewidth
1.68
ns
Setup Time
1.0
ns
Hold Time
1.1
ns
Hysteresis
6
mV
Latch Inputs Programmed for Hysteresis
Specifications subject to change without notice.


Similar Part No. - AD53509

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53509G AD-AD53509G Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509JSW AD-AD53509JSW Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509JSWZ AD-AD53509JSWZ Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
More results

Similar Description - AD53509

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53509G AD-AD53509G Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53032 AD-AD53032 Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com