Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD53508JP Datasheet(PDF) 7 Page - Analog Devices

Part # AD53508JP
Description  PPMU Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53508JP Datasheet(HTML) 7 Page - Analog Devices

  AD53508JP Datasheet HTML 1Page - Analog Devices AD53508JP Datasheet HTML 2Page - Analog Devices AD53508JP Datasheet HTML 3Page - Analog Devices AD53508JP Datasheet HTML 4Page - Analog Devices AD53508JP Datasheet HTML 5Page - Analog Devices AD53508JP Datasheet HTML 6Page - Analog Devices AD53508JP Datasheet HTML 7Page - Analog Devices AD53508JP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD53508
–7–
REV. 0
IN CURRENT FORCE WITH VOLTAGE MEASURE OR
VERIFY CURRENT FORCE
The linearity tests for forcing current at the FORCE pin:
1. The FORCE pin is loaded with a voltage source.
2. The two ranges of CURRENT FORCE ranges (2 mA and
200
µA) correspond to F1 and F2. The endpoints of the
linearity curve are determined by full scale (or LOW), and
the full scale (or HIGH) readings at the same FORCE pin
voltage.
3. Using these endpoints, gain nonlinearity is computed and
tested at the 1/4 scale, 1/2 scale, and 3/4 scale points.
4. Computations for F1 are:
F1
× 0.25 = LOW + 1 × (HIGH – LOW)/4
F1
× 0.50 = LOW + 2 × (HIGH – LOW)/4
F1
× 0.75 = LOW + 3 × (HIGH – LOW)/4
Where LOW = –Full Scale and HIGH = +Full Scale.
The linearity test for measuring voltage is as follows (at the
MEAS_OUT pin):
1. The endpoints of the linearity curve are determined by the
–full scale (or LOW), and the +full scale (or HIGH) readings.
2. Using these endpoints, gain nonlinearity is computed and
tested at the 1/4 scale, 1/2 scale, and 3/4 scale points.
3. Computations for M1 are:
M1
× 0.25 = LOW + 1 × (HIGH – LOW)/4
M1
× 0.50 = LOW + 2 × (HIGH – LOW)/4
M1
× 0.75 = LOW + 3 × (HIGH – LOW)/4
Where LOW = –Full Scale, and HIGH = +Full Scale.
CURRENT FORCE WITH VOLTAGE MEASURE
(2 mA RANGE)
1. DAC1 = 5 V.
2. FORCE pin loaded with 9 V source.
3. Measure current at FORCE.
4. Measure voltage at MEAS_OUT.
5. VCC = 15 V.
6. Measure current at FORCE and compare to 3.
7. Measure voltage at MEAS_OUT and compare to 4.
8. VCC = 15 V.
9. DAC1 = 0 V.
10. FORCE pin loaded with –4 V source.
11. Measure current at FORCE.
12. Measure voltage at MEAS_OUT.
13. VEE = –9.5 V.
14. Measure current at FORCE and compare to 11.
15. Measure voltage at MEAS_OUT and compare to 12.
16. VEE = –10 V.
VOLTAGE FORCE WITH CURRENT MEASURE
(2 mA RANGE)
1. DAC1 = 9 V.
2. FORCE pin loaded with 2 mA current source.
3. Measure voltage at FORCE.
4. Measure current at MEAS_OUT.
5. VCC = 14.25 V.
6. Measure voltage at FORCE and compare to 3:
Limit =
±237 µV.
7. Measure current at MEAS_OUT and compare to 4:
Limit =
±237 µV.
8. VCC = 15 V.
9. DAC1 = –4 V.
10. FORCE pin loaded with 2 mA current sink.
11. Measure voltage at FORCE.
12. Measure current at MEAS_OUT.
13. VEE = –9.5 V.
14. Measure voltage at FORCE and compare to 11:
Limit =
±474 µV.
15. Measure current at MEAS_OUT and compare to 12.
16. VEE = –10 V.
S11
S12
S13
S14
S15
S16
INT/IM
R1
R2
INTEGRATE
S10
UNITY
DIFF
VF
S4
IF
S5
C1
1k
2mA
10k
200 A
EXT RC
SENSE
S8
S9
S2
S3
VM
IM
ENABLE
S1
CON
2.5V
S6
S7
FORCING
VOLTAGE
DAC1
DAC2
DSR
MEAS OUT
40pF
S17
GUARD
FORCE
SENSE
R
R
1.25R
1.25R
MAIN
GUARD
S18
AD53508
OUTPUT
Figure 3. Guarded Current Force/Voltage Measure, IRANGE 1: I
≤ 2 mA


Similar Part No. - AD53508JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500JRP AD-AD53500JRP Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53509 AD-AD53509 Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53509G AD-AD53509G Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
More results

Similar Description - AD53508JP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9195B KEYSIGHT-M9195B Datasheet
5Mb / 21P
   M9195B PXIe Digital Stimulus/Response with PPMU: 250 MHz, 16-channel
logo
Analog Devices
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
   2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
   600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
logo
Fairchild Semiconductor
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV3106RMTF FAIRCHILD-FJV3106RMTF Datasheet
94Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
NTE Electronics
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
   Integrated Circuit Timing Circuit
NTE748 NTE-NTE748 Datasheet
23Kb / 2P
   Integrated Circuit TV Sound Circuit
NTE1858 NTE-NTE1858 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Circuit
logo
Weidmuller
9101403500 WEIDMULLER-9101403500 Datasheet
503Kb / 2P
   Circuit Protection Circuit Break ers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com