Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWC6323RM47Q7 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWC6323RM47Q7
Description  HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6323RM47Q7 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWC6323RM47Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 8Page - ANADIGICS, Inc AWC6323RM47Q7 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Data Sheet - Rev 2.2
03/2012
AWC6323
Table 4a: Electrical Specifications - Cellular Band (BC 0)
(TC = +25 °C, VBATT = VCC = +3.4 V, VEN_CELL = +1.8 V, 50 Ω system, CDMA2000 RC-1 waveform)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
VMODE1
VMODE2
POUT
Gain
25
14
8
27
17
11.5
30
19
14
dB
0 V
1.8 V
0/1.8 V
1.8 V
1.8 V
0 V
+27.6 dBm
+16 dBm
+10 dBm
Adjacent Channel Power
at 885 kHz offset (1)
Primary Channel BW = 1.23 MHZ
Adjacent Channel BW = 30 kHz
-
-
-
-51
-52
-50
-46.5
-46.5
-46.5
dBc
0 V
1.8 V
0/1.8 V
1.8 V
1.8 V
0 V
+27.6 dBm
+16 dBm
+10 dBm
Adjacent Channel Power
at 1.98 MHz offset (1)
Primary Channel BW = 1.23 MHZ
Adjacent Channel BW = 30 kHz
-
-
-
-61
-63
<-68
-57
-57
-57
dBc
0 V
1.8 V
0/1.8 V
1.8 V
1.8 V
0 V
+27.6 dBm
+16 dBm
+10 dBm
Power-Added Efficiency (1)
34
18
8
37.5
23
11.5
-
-
-
%
0 V
1.8 V
0/1.8 V
1.8 V
1.8 V
0 V
+27.6 dBm
+16 dBm
+10 dBm
Quiescent Current (Icq)
-
3.5
6
mA
through VCC pins,
VMODE1 = 0/1.8 V, VMODE2 = 0 V
Mode Control Current
-
<0.05
0.1
mA
through VMODE pins,
VMODE1= 0/1.8 V, VMODE2 = 0 V
Battery Current
-
1
2
mA
through VBATT pin, VMODE1 = 0/1.8 V,
VMODE2 = 0 V
Enable Current
-
<0.1
0.15
mA
through VEN_CELL pin
Noise in Receive Band(2)
-
-133
-138
-131
-135
dBm/Hz V
MODE1
= 0 V, VMODE2 = 1.8 V,
VMODE1 = VMODE2 = 1.8 V
Harmonics
2fo
3fo, 4fo
-
-
-43
-50
-30
-30
dBc
POUT < +27.6 dBm
Input Impedance
-
-
2:1
VSWR
Coupling Factor
-
22
-
dB


Similar Part No. - AWC6323RM47Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325P9 ANADIGICS-AWC6325P9 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325Q7 ANADIGICS-AWC6325Q7 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWC6323RM47Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com