Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWB7127HM41P8 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWB7127HM41P8
Description  2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7127HM41P8 Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AWB7127HM41P8 Datasheet HTML 1Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 2Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 3Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 4Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 5Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 6Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 7Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 8Page - ANADIGICS, Inc AWB7127HM41P8 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Data Sheet - Rev 2.1
09/2012
AWB7127
Figure 4: PCB Footprint
1
2
3


Similar Part No. - AWB7127HM41P8

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7127HM41P8 SKYWORKS-AWB7127HM41P8 Datasheet
793Kb / 10P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
More results

Similar Description - AWB7127HM41P8

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7127 SKYWORKS-AWB7127 Datasheet
793Kb / 10P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7227 ANADIGICS-AWB7227 Datasheet
648Kb / 9P
   2.11-2.17 GHz Small-Cell Power Amplifier Module
logo
Mitsubishi Electric Sem...
MGFS48B2122 MITSUBISHI-MGFS48B2122_11 Datasheet
110Kb / 2P
   2.11-2.17 GHz BAND / 60W
logo
ANADIGICS, Inc
AWB7123 ANADIGICS-AWB7123 Datasheet
532Kb / 9P
   1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
AWB7128 ANADIGICS-AWB7128 Datasheet
718Kb / 9P
   2.545 GHz through 2.69 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7123 SKYWORKS-AWB7123 Datasheet
781Kb / 10P
   1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
logo
Mitsubishi Electric Sem...
MGFS48B2122 MITSUBISHI-MGFS48B2122 Datasheet
228Kb / 2P
   2.11 - 2.17 GHz BAND 60W GaAs FET
logo
ANADIGICS, Inc
AWB7221 ANADIGICS-AWB7221 Datasheet
809Kb / 9P
   2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7223 SKYWORKS-AWB7223 Datasheet
766Kb / 10P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7223R ANADIGICS-AWB7223R Datasheet
610Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com