Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS3606RS29P8 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # APS3606RS29P8
Description  Active Splitter for Analog/Digital CATV Set-Top Boxes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

APS3606RS29P8 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  APS3606RS29P8 Datasheet HTML 1Page - ANADIGICS, Inc APS3606RS29P8 Datasheet HTML 2Page - ANADIGICS, Inc APS3606RS29P8 Datasheet HTML 3Page - ANADIGICS, Inc APS3606RS29P8 Datasheet HTML 4Page - ANADIGICS, Inc APS3606RS29P8 Datasheet HTML 5Page - ANADIGICS, Inc APS3606RS29P8 Datasheet HTML 6Page - ANADIGICS, Inc APS3606RS29P8 Datasheet HTML 7Page - ANADIGICS, Inc APS3606RS29P8 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADVANCED PRODUCT INFORMATION - Rev 0.4
10/2009
APS3606
3
eLectricAL cHArActeriSticS
table 2: Absolute minimum and maximum ratings
Stresses in excess of the absolute ratings may cause permanent damage. functional operation is
not implied under these conditions. exposure to absolute ratings for extended periods of time may
adversely affect reliability.
table 3: operating ranges
the device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
PArAmeter
min
mAX
unit
commentS
SupplyVoltage(VCC)
0
+8
V
AGCInputVoltage(VAGC)
0
+5
V
RFInputPower(PIN)
-
+25
dBmV
differentialinto75
PArAmeter
min
tYP
mAX
unit
commentS
OperatingFrequency(f)
50
-
1100
MHz
SupplyVoltage(VCC)
-
+5
-
V
AGCInputVoltage(VAGC)
+0.3
-
+3.0
V
max.gainat+3V
RFInputPower(PIN)
-15
-
+15
dBmV differentialinto75
CaseTemperature(TC)
-20
-
+85
°C


Similar Part No. - APS3606RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3604RS29P8 ANADIGICS-APS3604RS29P8 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
More results

Similar Description - APS3606RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
   Multi Tuner Set-Top Boxes
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
   Multi Tuner Set-Top Boxes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com