Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARA2017RS29P8 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ARA2017RS29P8
Description  Programmable Gain Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017RS29P8 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ARA2017RS29P8 Datasheet HTML 4Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 9Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 10Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 11Page - ANADIGICS, Inc ARA2017RS29P8 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
DATA SHEET - Rev 2.1
11/2012
ARA2017
figure 7: output Third order intercept point (oip3) vs Temperature
(Vdd = +5 Vdc, f1 = 10 MHz, f2 = 11 MHz)
figure 10: Attenuator Accuracy over frequency
(Tc = 25 8c, VDc = +5V)
0
5
10
15
20
25
30
35
10
20
30
40
50
60
70
80
90
100
frequency (MHz)
figure ?: Attenuator Accuracy over frequency
2dB
4dB
8dB
16dB
32dB
Tc = 25oc, Vdc = +5V
ATTEnuAToR
SETTinG =
85
86
87
88
89
90
91
92
93
94
95
0
20
40
60
80
100
120
case Temperature(oc)
figure ?: output Third order intercept point (oip3)
vs. case Temperature


Similar Part No. - ARA2017RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2017RS29P8 ANADIGICS-ARA2017RS29P8 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017RS29P8 SKYWORKS-ARA2017RS29P8 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
More results

Similar Description - ARA2017RS29P8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com