Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF68 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SF68
Description  6.0 AMP. Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SF68 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SF68 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SF68 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SF61 THRU SF68)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
0
25
100
75
50
150
175
125
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
SF67~SF68
SF65~SF66
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500
1000
60
80
100
120
140
160
180
200
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1-
DERATING
MAXIMUM AVERAGE FORWARD CURRENT
0
25
50
100
150
175
125
75
0
4.0
6.0
5.0
2.0
1.0
3.0
AMBIENT TEMPERATURE. ( C)
O
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
SF61-SF68
6.0 AMP. Super Fast Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SF68

ManufacturerPart #DatasheetDescription
logo
Bytes
SF68 BYTES-SF68 Datasheet
160Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Microdiode Electronics ...
SF68 CHENDA-SF68 Datasheet
535Kb / 2P
   SUPER FAST RECTIFIER
logo
First Silicon Co., Ltd
SF68 FS-SF68 Datasheet
602Kb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
SF68 TSC-SF68 Datasheet
70Kb / 2P
   6.0 AMPS. Super Fast Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SF68 YFWDIODE-SF68 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF68

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF61 YIXIN-SF61 Datasheet
243Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61-DO-27 YFWDIODE-SF61-DO-27 Datasheet
291Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
SF61 YFWDIODE-SF61 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF61 GWSEMI-SF61 Datasheet
71Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61-DO27 YFWDIODE-SF61-DO27 Datasheet
263Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
SF61 DGNJDZ-SF61 Datasheet
202Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Bytes
SF61 BYTES-SF61 Datasheet
160Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF61 FORMOSA-SF61 Datasheet
36Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
SF61 FCI-SF61 Datasheet
138Kb / 2P
   6.0 Amp SUPER FAST PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com