Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8510 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8510
Description  Wide Input Voltage Range, High Efficiency
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8510 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A8510 Datasheet HTML 2Page - Allegro MicroSystems A8510 Datasheet HTML 3Page - Allegro MicroSystems A8510 Datasheet HTML 4Page - Allegro MicroSystems A8510 Datasheet HTML 5Page - Allegro MicroSystems A8510 Datasheet HTML 6Page - Allegro MicroSystems A8510 Datasheet HTML 7Page - Allegro MicroSystems A8510 Datasheet HTML 8Page - Allegro MicroSystems A8510 Datasheet HTML 9Page - Allegro MicroSystems A8510 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8510
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Oscillator Frequency
Oscillator Frequency
fSW
RFSET = 10 kΩ
1.8
2
2.2
MHz
RFSET = 20 kΩ−
1
MHz
RFSET = 35.6 kΩ−
580
kHz
FSET/SYNC Pin Voltage
VFSET
RFSET = 10 kΩ−
1.00
V
FSET Frequency Range
fFSET
580
2500
kHz
Synchronization
Synchronized PWM Frequency
fSWSYNC
580
2300
kHz
Synchronization Input
Minimum Off-Time
tPWSYNCOFF
150
−−
ns
Synchronization Input
Minimum On-Time
tPWSYNCON
150
−−
ns
SYNC Input Logic Voltage
VSYNC(H) FSET/SYNC pin, high level
−−
0.4
V
VSYNC(L)
FSET/SYNC pin, low level
2.0
−−
V
LED Current Sinks
LEDx Accuracy
ErrLED
ISET = 120 μA
−−
3%
LEDx Matching
ΔLEDx
ISET = 120 μA
−−
3%
LEDx Regulation Voltage
VLED
VLED1 through VLED8 all equal, ISET = 120 μA
680
mV
ISET to ILEDx Current Gain
AISET
ISET = 120 μA
317
327
337
A/A
ISET Pin Voltage
VISET
1.003
V
Allowable ISET Current
ISET
40
120
μA
VLED Short Detect
VLEDSC
While LED sinks are in regulation, sensed
from LEDx pin to GND
4.6
−−
V
Soft Start LEDx Current
ILEDSS
Current through each enabled LEDx pin
during soft start, ISET = 120 μA
1.06
mA
Maximum PWM Dimming
Until Off-Time3
tPWML
Measured while EN/PWM = low, during
dimming control and internal references
are powered-on (exceeding tPWML results in
shutdown)
32750
fSW
cycles
Minimum EN/PWM On-Time
tPWMH
First cycle when powering-up device
0.75
2
μs
EN/PWM High to LED-On Delay
tdPWM(on)
Time between EN/PWM enable and LEDx
current reaching 90% of maximum
0.5
1
μs
EN/PWM Low to LED-Off Delay
tdPWM(off)
Time between EN/PWM enable going low
and LEDx current reaching 10% of maximum
−−
500
ns
VGATE Pin
VGATE Pin Sink Current
IGSINK
VGS = VIN
−−104
−μA
VGATE Pin Fault Shutdown
tGFAULT
−−
3
μs
VGATE Pin Voltage
VGS
Gate to source voltage measured when gate
is on
–6.7
V
ELECTRICAL CHARACTERISTICS1 (continued) Valid at VIN = 16 V, TA = 25°C,
indicates specifications guaranteed by design
and characterization over the full operating temperature range with TA = TJ = –40°C to 105°C; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.2
Max.
Unit
Continued on the next page…


Similar Part No. - A8510

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512ELBTR-T ALLEGRO-A8512ELBTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8510

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8513 ALLEGRO-A8513 Datasheet
937Kb / 24P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com