Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS616LSG Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS616LSG
Description  The ATS616 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to..
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS616LSG_10 Datasheet HTML 2Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 3Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 4Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 5Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 9Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor IC
ATS616LSG
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Data (continued)
Relative Timing Accuracy versus Air Gap
TA (°C)
–40
0
25
85
125
150
TA (°C)
–40
0
25
85
125
150
TA (°C)
–40
0
25
85
125
150
Signature Tooth Rising Edge
1000 rpm
AG (mm)
AG (mm)
AG (mm)
Relative Timing Accuracy versus Air Gap
Relative Timing Accuracy versus Air Gap
Sequential Tooth Falling Edge
1000 rpm
Signature Tooth Falling Edge
1000 rpm
Relative Timing Accuracy versus Air Gap
Sequential Tooth Rising Edge
1000 rpm
AG (mm)
TA (°C)
–40
0
25
85
125
150
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5


Similar Part No. - ATS616LSG_10

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS616LSGTN-T ALLEGRO-ATS616LSGTN-T Datasheet
444Kb / 14P
   Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
More results

Similar Description - ATS616LSG_10

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS617 ALLEGRO-ATS617 Datasheet
494Kb / 16P
   Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
ATS617LSG ALLEGRO-ATS617LSG Datasheet
496Kb / 16P
   Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
   Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
   Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
   Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com