Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA1200GS24Q1 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ADA1200GS24Q1
Description  Linear Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA1200GS24Q1 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ADA1200GS24Q1 Datasheet HTML 4Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 5Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 6Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 7Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 8Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 9Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 10Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 11Page - ANADIGICS, Inc ADA1200GS24Q1 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PRELIMINARY DATA SHEET - Rev 1.4
04/2012
ADA1200
APPLICATION INFORMATION
Table 5: In Circuit S-Parameters
(TA = +25 °C, VDD = +5.0 VDC, 75 Ω system, ref. Figure 3)
FREQ
S11
S21
S12
S22
K Factor
MHz
DB
ANG
DB
ANG
DB
ANG
DB
ANG
25
-17.8
-108.4
11.6
-140.4
-17.2
37.8
-13.0
-146.5
1.01
50
-31.1
-103.9
12.3
-171.3
-16.5
8.8
-23.9
-170.5
1.12
100
-37.9
-37.5
12.3
168.9
-16.5
-8.9
-30.2
-169.0
1.12
150
-35.8
-8.2
12.3
155.8
-16.5
-20.6
-31.0
-155.9
1.12
200
-35.2
-1.9
12.2
144.2
-16.6
-30.4
-30.6
-153.9
1.13
250
-33.6
-1.0
12.2
133.3
-16.6
-39.9
-30.1
-157.2
1.13
300
-32.7
-1.6
12.2
122.9
-16.7
-49.2
-29.1
-160.8
1.13
350
-31.9
-3.2
12.1
112.5
-16.7
-58.0
-28.0
-164.1
1.14
400
-32.0
-11.4
12.1
102.1
-16.7
-66.9
-27.4
-167.7
1.14
450
-32.8
-17.0
12.1
91.8
-16.8
-75.8
-27.0
-172.2
1.15
500
-33.2
-23.2
12.1
81.6
-16.8
-84.8
-26.3
-175.8
1.15
550
-35.9
-33.7
12.0
71.4
-16.9
-93.7
-26.3
-112.0
1.16
600
-40.1
-57.8
12.0
61.2
-17.0
-102.6
-25.7
124.4
1.16
650
-46.2
-113.4
12.0
50.8
-17.1
-111.6
-25.3
174.1
1.17
700
-38.1
145.8
11.9
40.5
-17.1
-121.3
-25.0
39.0
1.18
750
-31.0
127.6
11.8
30.0
-17.2
-129.9
-25.0
174.8
1.19
800
-28.2
117.1
11.8
20.1
-17.3
-138.1
-23.6
163.8
1.20
850
-25.0
107.3
11.7
9.6
-17.5
-147.6
-23.3
166.6
1.21
900
-22.4
97.7
11.7
-0.7
-17.5
-156.9
-23.2
167.7
1.22
950
-20.3
90.3
11.6
-11.4
-17.6
-166.0
-22.2
164.1
1.23
1000
-18.3
82.4
11.5
-22.1
-17.8
-175.6
-20.9
160.4
1.24


Similar Part No. - ADA1200GS24Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200 Datasheet
232Kb / 8P
   Linear Amplifier
ADA1200S24Q1 ANADIGICS-ADA1200S24Q1 Datasheet
232Kb / 8P
   Linear Amplifier
More results

Similar Description - ADA1200GS24Q1

ManufacturerPart #DatasheetDescription
logo
RFHIC
GLM2723-L RFHIC-GLM2723-L Datasheet
195Kb / 3P
   Linear Amplifier
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200 Datasheet
232Kb / 8P
   Linear Amplifier
logo
RFHIC
GLM2123-L RFHIC-GLM2123-L Datasheet
195Kb / 3P
   Linear Amplifier
GLM2523-L RFHIC-GLM2523-L Datasheet
198Kb / 3P
   Linear Amplifier
GLM3623-L RFHIC-GLM3623-L Datasheet
195Kb / 3P
   Linear Amplifier
logo
RF Micro Devices
RF2162 RFMD-RF2162_16 Datasheet
2Mb / 10P
   LINEAR AMPLIFIER
RF2318 RFMD-RF2318 Datasheet
110Kb / 6P
   LINEAR BROADBAND AMPLIFIER
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
   LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
   LINEAR POWER AMPLIFIER
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
   LINEAR CATV AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com